Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C557-03BQE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C557-03BQE
Description  PCIe짰 3.0 Clock Generator with 2 HCSL Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-03BQE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C557-03BQE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C557-03BQE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.pericom.com
P-0.1
04/29/11
All trademarks are property of their respective owners.
PI6C557-03B
PCIe® 3.0 Clock Generator with 2 HCSL Outputs
Application Information
Decoupling Capacitors
Decoupling capacitors of 0.01μF should be connected between
each VDD pin and the ground plane and placed as close to the
VDD pin as possible.
Crystal
Use a 25MHz fundamental mode parallel resonant crystal with
less than 300PPM of error across temperature.
Crystal Capacitors
CL = Crystals's load capacitance in pF
Crystal Capacitors (pF) = (CL - 8) *2
For example, for a crystal with 16pF load caps, the external ef-
fective crystal cap would be 16 pF. (16-8)*2=16.
Current Source (IREF) Reference Resistor - RR
If board target trace impedance is 50Ω,
then RR = 475Ω providing an IREF of 2.32 mA. The output cur-
rent (IOH) is 6*IREF.
Output Termination
The PCI Express differential clock outputs of the PI6C557-03B
are open source drivers and require an external series resistor
and a resistor to ground. These resistor values and their allow-
able locations are shown in detail in the PCI Express Layout
Guidelines section.
The PI6C557-03B can be configured for LVDS compatible volt-
age levels. See the LVDS Compatible Layout Guidelines section.
Output Structures
R
R=475
6*IREF
=2.3mA
IREF
See Output Termination
Sections
11-0062


Similar Part No. - PI6C557-03BQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
   PCI Express Clock
logo
Diodes Incorporated
PI6C557-03 DIODES-PI6C557-03 Datasheet
926Kb / 10P
   PCI Express Clock
October 2020
logo
Pericom Semiconductor C...
PI6C557-03A PERICOM-PI6C557-03A Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
More results

Similar Description - PI6C557-03BQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
logo
Pericom Semiconductor C...
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
   PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com