Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C557-01BQ Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C557-01BQ
Description  PCIe 3.0 Clock Generator with 1 HCSL Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-01BQ Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C557-01BQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C557-01BQ Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PI6C557-01BQ
RevA
06/01/2015
All trademarks are property of their respective owners.
PI6C557-01BQ
PCIe 3.0 Clock Generator with 1 HCSL Output
Thermal Characteristics
Symbol Parameter
Conditions
Min. Typ.
Max. Unit
θJA
Thermal Resistance Junction to Ambient
Still air
57.70
°C/W
θJC
Thermal Resistance Junction to Case
32.20 °C/W
HCSL Output AC Characteristics (VDD = 3.3V ±10%, TA = -40°C to +85°C)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
FIN
Input Frequency
25
MHz
FOUT
Output Frequency
100
MHz
VOH
Output High Voltage (1,2)
100 MHz HCSL output @ VDD =
3.3V
660
800
900
mV
VOL
Output Low Voltage(1,2)
-150
0
mV
VCPA
Crossing Point Voltage(1,2)
Absolute
250
350
550
mV
VCN
Crossing Point Voltage(1,2,4)
Variation over all edges
140
mV
JCC
Jitter, Cycle-to-Cycle(1,3)
35
60
ps
JRMS
PCIe 2.0 RMS Jitter
PCIe 2.0 Test Method @ 100MHz
Output
3.1
ps
JRMS3.0
PCIe 3.0 RMS Jitter
PLL L-BW @ 2M & 5M 1st H3
1.75
3
ps
PLL L-BW @ 2M & 4M 1st H3
2.18
3
ps
PLL H-BW @ 2M & 5M 1st H3
0.45
1
ps
PLL H-BW @ 2M & 4M 1st H3
0.45
1
ps
MF
Modulation Frequency
Spread Spectrum
30
31.5
33
kHz
tOR
Rise Time(1,2)
From 0.175V to 0.525V
175
500
ps
tOF
Fall Time(1,2)
From 0.525V to 0.175V
175
500
ps
TDUTY-CYCLE
Duty Cycle(1,3)
45
55
%
tSTABLE
From power-up to VDD=3.3V
From Power-up VDD=3.3V
3.0
ms
tSPREAD
Setting period after spread change
Setting period after spread change
3.0
ms
Notes:
1. RL = 50-Ohm with CL = 2 pF
2. Single-ended waveform
3. Differential waveform
4. Measured at the crossing point
15-0069


Similar Part No. - PI6C557-01BQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BZHIE PERICOM-PI6C557-01BZHIE Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
More results

Similar Description - PI6C557-01BQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PI6LC48H04 PERICOM-PI6LC48H04 Datasheet
1Mb / 11P
   PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
logo
Pericom Semiconductor C...
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com