Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-010507-CH0160 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-010507-CH0160
Description  Excellent temperature stability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-010507-CH0160 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MACP-010507-CH0160 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-010507-CH0160 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-010507-CH0160 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACP-010507-CH0160 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
17dB Coupler
5 – 300 MHz
Rev. V2
MACP-010507-CH0160
4
44
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Typical Performance Curves


Similar Part No. - MACP-010507-CH0160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010507-CH0160 MA-COM-MACP-010507-CH0160 Datasheet
135Kb / 4P
   Coupler, 17dB
More results

Similar Description - MACP-010507-CH0160

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011085 MA-COM-MABA-011085 Datasheet
812Kb / 5P
   Excellent Temperature Stability
MACP-010718-CG09E0 MA-COM-MACP-010718-CG09E0 Datasheet
743Kb / 4P
   Excellent temperature stability
logo
Vanlong Technology Co.,...
DF-SERIES VANLONG-DF-SERIES Datasheet
38Kb / 1P
   Excellent temperature stability
logo
M/A-COM Technology Solu...
MABA-011010 MA-COM-MABA-011010 Datasheet
729Kb / 4P
   Excellent temperature stability
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80 Datasheet
450Kb / 4P
   Excellent temperature stability
MACP-011036 MA-COM-MACP-011036 Datasheet
688Kb / 5P
   Excellent Temperature Stability
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007 Datasheet
1Mb / 4P
   Excellent temperature stability
MABA-011073 MA-COM-MABA-011073 Datasheet
804Kb / 6P
   Excellent temperature stability
MAPD-011040 MA-COM-MAPD-011040 Datasheet
909Kb / 7P
   Excellent temperature stability
logo
Vectron International, ...
OX202 VECTRON-OX202 Datasheet
497Kb / 4P
   Excellent temperature stability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com