Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49X0204BWIEX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C49X0204BWIEX
Description  Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0204BWIEX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C49X0204BWIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49X0204BWIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.pericom.com PI6C49X0204B Rev A
07/20/15
PI6C49X0204B
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
AC CHARACTERISTICS, VDD = 1.8V ± 5%, T
A = -45°C to 85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
f
MAX
Output Frequency
VDDO = 1.8V
250
MHz
VDDO = 1.5V
250
tp
LH
Propagation Delay, Low-to-High;
NOTE 1
VDDO = 1.8V, IJ
250MHz
3.5
4.8
ns
VDDO = 1.5V, IJ
250MHz
2.7
3.8
tsk(o)
Output Skew; NOTE 2
50
90
ps
tsk(pp)
Part-to-Part Skew; NOTE 3
250
800
ps
t
R
Output Rise Time NOTE 4
VDDO = 1.8V
300
1000
ps
VDDO = 1.5V
500
1400
t
F
Output Fall Time NOTE 4
VDDO = 1.8V
300
1000
ps
VDDO = 1.5V
500
1400
odc
Output Duty Cycle
IJ 133MHz
45
55
%
133MHz < IJ 200MHz
VDDO ≥ 1.6V
40
60
%
VDDO < 1.6V
IJ 133MHz
40
60
%
t
jit
Additive RMS Jitter
156.25MHz (@12kHz to
20MHz)
0.1
ps
125MHz (@12kHz to
20MHz)
0.1
ps
Parameters measured at f
MAX unless otherwise noted.
NOTE 1: Measured from VDD /2 of the input to VDDO /2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO /2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load
conditions. Using the same type of inputs on each device, the outputs are measured at VDDO /2.
NOTE 4: Defined from 20% to 80%
15-0078


Similar Part No. - PI6C49X0204BWIEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-AWE PERICOM-PI6C49X0204B-AWE Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results

Similar Description - PI6C49X0204BWIEX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
   LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8304I RENESAS-8304I Datasheet
388Kb / 12P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
December 10, 2015
logo
Integrated Circuit Syst...
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
   Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
logo
Integrated Circuit Syst...
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
   LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com