Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49X0202WIEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C49X0202WIEX
Description  Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0202WIEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C49X0202WIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49X0202WIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0202WIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0202WIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0202WIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0202WIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0202WIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.pericom.com
PI6C49X0202 RevC
04/29/15
PI6C49X0202
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
LVCMOS / LVTTL DC CHARACTERISTICS, T
A = -40°C to 85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
V
IH
Input High Voltage
VDD = 3.3V
2
VDD+0.3
V
VDD = 2.5V
1.7
VDD+0.3
V
IL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
VDD = 2.5V
-0.3
0.8
I
IH
Input High Current
VDD = V
IN = 3.465V
100
μA
VDD = V
IN = 2.625V
80
I
IL
Input Low Current
VDD = 3.465V, V
IN = 0V
-5
μA
VDD = 2.625V, V
IN= 0V
-5
V
OH
Output High Voltage
VDDO =
3.3V
I
OH = -100μA
2.9
V
VDDO =
2.5V
I
OH = -100μA
2.2
V
V
OL
Output Low Voltage
VDDO =
3.3V
I
OL = 100μA
0.2
V
VDDO =
2.5V
I
OL = 100μA
0.2
V
15-0055


Similar Part No. - PI6C49X0202WIEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
   1-To-1 Differential-to-LVCMOS/LVTTL Translator
PI6C49X0201WIE PERICOM-PI6C49X0201WIE Datasheet
1Mb / 6P
   1-To-1 Differential-to-LVCMOS/LVTTL Translator
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
PI6C49X0204AWIE PERICOM-PI6C49X0204AWIE Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
PI6C49X0204AWIEX PERICOM-PI6C49X0204AWIEX Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
More results

Similar Description - PI6C49X0202WIEX

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8302I RENESAS-8302I Datasheet
250Kb / 11P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
logo
Integrated Circuit Syst...
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
   LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
   Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com