Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4414VB6M48D0C08 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PFM4414VB6M48D0C08
Description  Two temperature grades including operation to -40째C
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414VB6M48D0C08 Datasheet(HTML) 2 Page - Vicor Corporation

  PFM4414VB6M48D0C08 Datasheet HTML 1Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 2Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 3Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 4Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 5Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 6Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 7Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 8Page - Vicor Corporation PFM4414VB6M48D0C08 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PFM4414xB6M48D0yzz
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 2 of 23
12/2015
800 927.9474
Typical PCB Mount Applications
The PCB terminal option allows mounting on an industry standard printed circuit board, with two different pin lengths. Vicor
offers a variety of downstream DC-DC converters driven by the 48 V output of the PFM in a VIA package. The 48 V output is
usable directly by loads that are tolerant of the PFC line ripple, such as fans, motors, relays, and some types of lighting. Use
downstream DC-DC Point of Load converters where more precise regulation is required.
48 V 5 A
3.3 V 10 A
1.8 V 8 A
Cool-Power®
ZVS Buck
2 x Cool-Power®
ZVS Buck
+
_
+
_
+
_
PFM™
VIA
+IN
-IN
+OUT
-OUT
48 V
++
+
C
1
C
2
C
3
M
1
J
1
85 -
264 Vac
+OUT
-OUT
AIM™
VIA
M
2
F
1
L
N
MOV
Parts List for Typical PCB Mount Applications
J1
Qualtek 703 W IEC 320-C14 Power Inlet
F1
Littelfuse 0216008.MXP 8 A 250 VAC 5 x 20 mm holder
M1
Vicor AIM™ AIM1714BB6MC7D5yzz
M2
Vicor PFM™ PFM4414BB6M48D0yzz
C1
Nichicon UVR1J472MRD 4700 µF 63 V 3.4 A 22 x 50 mm bent 90° x 2 pcs
or
CDE 380LX472M063K022 4700 µF 63 V 4.9 A 30 x 30 mm snap x 2 pcs
or
Sic Safco Cubisic LP A712121 10,000 µF 63 V 6.4 A 45 x 75 x 12 mm rectangular
MOV
Littelfuse TMOV20RP300E VARISTOR 10 kA 300 V 250 J 20 mm


Similar Part No. - PFM4414VB6M48D0C08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414VB6M48D0CA0 VICOR-PFM4414VB6M48D0CA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CA4 VICOR-PFM4414VB6M48D0CA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CA8 VICOR-PFM4414VB6M48D0CA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CB0 VICOR-PFM4414VB6M48D0CB0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CB4 VICOR-PFM4414VB6M48D0CB4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414VB6M48D0C08

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C512 BELLING-BL24C512 Datasheet
177Kb / 15P
   Industrial temperature grades
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Interpoint Corporation ...
HR150 INTERPOINT-HR150 Datasheet
466Kb / 7P
   -40째C to 85째C operation Transient protection 50 V for 50 ms
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D_10 Datasheet
481Kb / 6P
   Operating temperature -40째C to 150째C Fully isolated
logo
Freescale Semiconductor...
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Renesas Technology Corp
SDAH01 RENESAS-SDAH01 Datasheet
1Mb / 9P
   SDAH01 Evaluation Board operating temperature: -40째C to 85째C
logo
Freescale Semiconductor...
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_1 Datasheet
565Kb / 33P
   3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com