Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49S1510ZDIE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C49S1510ZDIE
Description  High Performance Differential Fanout Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49S1510ZDIE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C49S1510ZDIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49S1510ZDIE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
PI6C49S1510
Rev G
09/18/2014
PI6C49S1510
High Performance Differential Fanout Buffer
Parameter Description
Conditions
Min.
Typ.
Max.
Units
VOH
Output High voltage
VDDO=3.3V +/-5%, IOH = 8mA
2.3
V
VDDO=2.5V +/- 5%, IOH = 8mA
1.5
V
VOL
Output Low voltage
VDDO=3.3V +/-5%, IOL = -8mA
0.5
V
VDDO=2.5V +/- 5%, IOL = -8mA
0.4
V
VOH
Output High voltage
VDDO=3.3V +/-5%, IOH = 24mA
2.1
V
VDDO=2.5V +/- 5%, IOH = 16mA
1.5
V
VOL
Output Low voltage
VDDO=3.3V +/-5%, IOL = -24mA
1
V
VDDO=2.5V +/- 5%, IOL = -16mA
0.8
V
R
IUT
Output Impedance
V
DDO = 3.3V ± 5%
17
Ω
V
DDO = 2.5V ± 5%
22
Ω
AC Electrical Specifications – Differential Outputs
Parameter Description
Conditions
Min.
Typ.
Max.
Units
FOUT
Clock output frequency
LVPECL, LVDS
1500
MHz
HCSL
250
Tr
Output rise time
From 20% to 80%
LVPECL
120
150
300
ps
LVDS
120
150
300
HCSL
350
550
Tf
Output fall time
From 80% to 20%
LVPECL
120
150
300
ps
LVDS
120
150
300
HCSL
350
550
TODC
Output duty cycle
Frequency<650MHz
LVPECL,
HCSL
48
52
%
LVDS
47
53
VPP
Output swing Single-ended
LVPECL outputs @ <1GHz
500
1000
mV
LVPECL outputs @ >1GHz
400
LVDS outputs
250
500
Tj
Buffer additive jitter RMS
156.25MHz, 12kHz to 20MHz
0.03
ps
156.25MHz, 10kHz to 1MHz
0.02
ps
VCROSS
Absolute crossing voltage
HCSL
460
mV
DVCROSS
Total variation of crossing voltage HCSL
140
mV
TSK
Output Skew
10 outputs devices,
outputs in same
tank, with same load,
at DUT.
40
70
ps
TPD
Propagation Delay
LVPECL, LVDS @ 3.3V, 100MHz
1650
ps
HCSL @ 3.3V, 100MHz
2000
ps
DC Electrical Specifications – LVCMOS Output
14-0137


Similar Part No. - PI6C49S1510ZDIE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C49S1510B DIODES-PI6C49S1510B Datasheet
529Kb / 2P
   High-Performance Two-and Four-Output Fanout Clock Buffers Enhance System Timing Margins
More results

Similar Description - PI6C49S1510ZDIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49S1506 PERICOM-PI6C49S1506 Datasheet
1Mb / 14P
   High Performance Differential Fanout Buffer
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
logo
Pericom Semiconductor C...
PI6C4911504-01 PERICOM-PI6C4911504-01 Datasheet
1Mb / 12P
   High Performance LVPECL Fanout Buffer
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4931504-04 PERICOM-PI6C4931504-04 Datasheet
941Kb / 6P
   High Performance HCSL Fanout Buffer
PI6C4921506 PERICOM-PI6C4921506 Datasheet
1Mb / 8P
   High Performance LVDS Fanout Buffer
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com