Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF2124A Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWF2124A
Description  Metallized Polypropylene Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2124A Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWF2124A Datasheet HTML 1Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 2Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 3Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 4Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 5Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 6Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 7Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 8Page - Panasonic Semiconductor ECWF2124A Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC57−
Plastic Film Capacitors
■Rating, Dimensions& Quantity/Ammo Box
Type ECWF(A) Rated voltage : 450 VDC
Suffix for lead crimped
Capacitance tolerance code
↑↑
Part No.
Cap.
(µF)
L max
T max
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
H max.
F
S
G max.
ød
Taping
7.5mm
ECWF2W104
□A( )
ECWF2W124
□A( )
ECWF2W154
□A( )
ECWF2W184
□A( )
ECWF2W224
□A( )
ECWF2W274
□A( )
ECWF2W334
□A( )
ECWF2W394
□A( )
ECWF2W474
□A( )
ECWF2W564
□A( )
ECWF2W684
□A( )
ECWF2W824
□A( )
ECWF2W105
□A( )
ECWF2W125
□A( )
ECWF2W155
□A( )
ECWF2W185
□A( )
ECWF2W225
□A( )
ECWF2W275
□A( )
ECWF2W335
□A( )
ECWF2W395
□A( )
ECWF2W475
□A( )
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.1
18.1
18.1
18.1
18.8
18.8
18.8
18.8
26.3
26.3
26.3
26.3
5.1
5.4
5.7
6.1
6.5
7.0
7.6
8.1
8.7
7.0
7.5
8.2
9.3
9.7
10.7
11.6
12.8
10.6
11.7
12.6
13.8
11.5
12.1
12.7
12.6
14.7
15.8
16.7
17.9
16.5
17.5
18.4
19.6
14.3
14.5
14.9
15.2
15.6
16.1
16.7
17.2
17.9
16.5
17.1
17.7
17.6
19.7
20.8
21.7
22.9
21.5
22.5
23.4
24.6
14.3
14.5
14.9
15.2
15.6
16.1
16.7
17.2
17.9
18.5
19.1
19.7
19.6
21.7
22.8
23.7
24.9
23.5
24.5
25.4
26.6
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
15.0
15.0
15.0
15.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1200
1000
800
600
400
300
200
Dimensions (mm)
Min. order Q'ty
Type ECWF(A) Rated voltage : 630 VDC
Suffix for lead crimped
Part No.
Cap.
(µF)
L max
T max
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
H max.
F
S
G max.
ød
Taping
7.5mm
Bulk
Crim
ped
lead
ECWFA2J104J( )
ECWFA2J124J( )
ECWFA2J154J( )
ECWFA2J184J( )
ECWFA2J224J( )
ECWFA2J274J( )
ECWFA2J334J( )
ECWFA2J394J( )
ECWFA2J474J( )
ECWFA2J564J( )
ECWFA2J684J( )
ECWFA2J824J( )
ECWFA2J105J( )
ECWFA2J125J( )
ECWFA2J155J( )
ECWFA2J185J( )
ECWFA2J225J( )
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
18.2
18.2
18.2
18.2
18.2
18.2
18.2
18.2
18.2
18.2
18.1
26.0
26.0
26.0
26.0
26.0
26.0
5.2
5.5
6.0
6.5
7.1
7.8
8.5
9.2
10.0
10.9
12.0
10.1
11.1
12.1
13.5
14.8
16.3
10.4
10.8
11.2
11.7
12.3
12.9
13.6
14.3
15.1
16.0
17.1
15.3
16.2
17.2
18.6
19.8
21.4
15.4
15.8
16.2
16.7
17.3
17.9
18.6
19.3
20.1
21.0
22.1
20.3
21.2
22.2
23.6
24.8
26.4
15.4
15.8
16.2
16.7
17.3
17.9
18.6
19.3
20.1
21.0
22.1
22.3
23.2
24.2
25.6
26.8
28.4
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
600
1000
800
600
500
400
1000
600
500
400
200
300
500
Dimensions (mm)
Min. order Q'ty
Bulk
500
Bulk
Straight
p Œ ¯ ¶
P50_81
13.02.15 18:05
y [ W
57


Similar Part No. - ECWF2124A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF2124 PANASONIC-ECWF2124 Datasheet
100Kb / 3P
   Metallized Polypropylene Film Capacitors
ECWF2124 PANASONIC-ECWF2124 Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2124JA PANASONIC-ECWF2124JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2124MB PANASONIC-ECWF2124MB Datasheet
92Kb / 4P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF2124A

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com