Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFM4414VB6M48D0C00 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PFM4414VB6M48D0C00
Description  Two temperature grades including operation to -40째C
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414VB6M48D0C00 Datasheet(HTML) 5 Page - Vicor Corporation

  PFM4414VB6M48D0C00 Datasheet HTML 1Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 2Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 3Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 4Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 5Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 6Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 7Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 8Page - Vicor Corporation PFM4414VB6M48D0C00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 5 of 23
12/2015
800 927.9474
PFM4414xB6M48D0yzz
Case Temperature (°C)
Current
Power
0
100
200
300
400
500
0.00
2.00
4.00
6.00
8.00
10.00
-60
-40
-20
0
20
40
60
80
100
Safe Operating Area
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
Input voltage +IN to –IN
1 ms max
0
600
Vpk
Input voltage (+IN to -IN)
Continuous, Rectified
0
275
VRMS
Output voltage (+Out to -Out)
-0.5
58
VDC
Output current
0.0
12.4
A
Screw Torque
4 mounting, 2 input, 2 output
4 (0.45)
in/lbs (N-m)
Operating junction temperature
T-Grade
-40
125
°C
Storage temperature
T-Grade
-55
125
°C
Dielectric Withstand*
See note below
Input-Case
Basic Insulation
2121
Vdc
Input-Output
Reinforced Insulation
4242
Vdc
Output-Case
Functional Insulation
707
Vdc
* Please see Dielectric Withstand section. See page 18.


Similar Part No. - PFM4414VB6M48D0C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414VB6M48D0CA0 VICOR-PFM4414VB6M48D0CA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CA4 VICOR-PFM4414VB6M48D0CA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CA8 VICOR-PFM4414VB6M48D0CA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CB0 VICOR-PFM4414VB6M48D0CB0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414VB6M48D0CB4 VICOR-PFM4414VB6M48D0CB4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414VB6M48D0C00

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C512 BELLING-BL24C512 Datasheet
177Kb / 15P
   Industrial temperature grades
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Interpoint Corporation ...
HR150 INTERPOINT-HR150 Datasheet
466Kb / 7P
   -40째C to 85째C operation Transient protection 50 V for 50 ms
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D_10 Datasheet
481Kb / 6P
   Operating temperature -40째C to 150째C Fully isolated
logo
Freescale Semiconductor...
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Renesas Technology Corp
SDAH01 RENESAS-SDAH01 Datasheet
1Mb / 9P
   SDAH01 Evaluation Board operating temperature: -40째C to 85째C
logo
Freescale Semiconductor...
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_1 Datasheet
565Kb / 33P
   3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com