Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24113ARHLTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24113ARHLTG4
Description  Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24113ARHLTG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24113ARHLTG4 Datasheet HTML 1Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 2Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 3Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 4Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 5Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 6Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 7Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 8Page - Texas Instruments BQ24113ARHLTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
3IN
4IN
6VCC
2STAT1
19STAT2
5PG
7
TTC
16CE
10VSS
13NC
OUT 1
OUT 20
PGND17
PGND18
SNS15
BAT 14
ISET18
ISET29
TS12
VTSB11
V
IN
L
OUT
C
IN
C
OUT
R
SNS
0.1W
1.5KW
1.5KW
1.5KW
Charge
Done
Adapter
Present
7.5KW
7.5KW
9.31KW
442KW
RT1
103AT
Battery
Pack
Pack-
Pack+
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
10 F
m
10 H
m
10 F
m
BQ24100
RISET2
RISET1
RT2
CTTC
VTSB
MMBZ18VALT1
D1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24100, bq24103, bq24103A, bq24104, bq24105
bq24108, bq24109, bq24113, bq24113A, bq24115
SLUS606P – JUNE 2004 – REVISED NOVEMBER 2015
bq241xx Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management
IC With Integrated Power FETs (bqSWITCHER™)
1 Features
2 Applications
1
Ideal For Highly Efficient Charger Designs For
Handheld Products
Single-, Two-, or Three-Cell Li-Ion and Li-Polymer
Portable Media Players
Battery Packs
Industrial and Medical Equipment
bq24105 Also for LiFePO4 Battery (see Using
Portable Equipment
bq24105 to Charge the LiFePO4 Battery)
Integrated Synchronous Fixed-Frequency PWM
3 Description
Controller Operating at 1.1 MHz With 0% to 100%
The bqSWITCHER™ series are highly integrated Li-
Duty Cycle
ion and Li-polymer switch-mode charge management
devices targeted at a wide range of portable
Integrated Power FETs for Up To 2-A Charge
applications.
The
bqSWITCHER™
series
offers
Rate
integrated synchronous PWM controller and power
High-Accuracy Voltage and Current Regulation
FETs, high-accuracy current and voltage regulation,
Available in Both Stand-Alone (Built-In Charge
charge preconditioning, charge status, and charge
Management and Control) and System-Controlled
termination, in a small, thermally enhanced VQFN
(Under System Command) Versions
package. The system-controlled version provides
additional inputs for full charge management under
Status Outputs for LED or Host Processor
system control.
Interface Indicates Charge-In-Progress, Charge
Completion, Fault, and AC-Adapter Present
The bqSWITCHER™ charges the battery in three
Conditions
phases: conditioning, constant current, and constant
voltage.
Charge
is
terminated
based
on
user-
20-V Maximum Voltage Rating on IN and OUT
selectable minimum current level. A programmable
Pins
charge timer provides a safety backup for charge
High-Side Battery Current Sensing
termination.
The
bqSWITCHER™
automatically
Battery Temperature Monitoring
restarts the charge cycle if the battery voltage falls
below an internal threshold. The bqSWITCHER™
Automatic Sleep Mode for Low Power
automatically enters sleep mode when VCC supply is
Consumption
removed.
System-Controlled Version Can Be Used in NiMH
and NiCd Applications
Device Information (1)
Reverse Leakage Protection Prevents Battery
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Drainage
bq241xx
VQFN (20)
3.50 mm × 4.50 mm
Thermal Shutdown and Protection
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Built-In Battery Detection
Available in 20-Pin, 3.50 mm × 4.50 mm VQFN
Package
Typical 1-Cell Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24113ARHLTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24113ARHLTG4 TI-BQ24113ARHLTG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113ARHLTG4 TI1-BQ24113ARHLTG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results

Similar Description - BQ24113ARHLTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com