Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24113ARHLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24113ARHLR
Description  Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24113ARHLR Datasheet(HTML) 5 Page - Texas Instruments

  BQ24113ARHLR Datasheet HTML 1Page - Texas Instruments BQ24113ARHLR Datasheet HTML 2Page - Texas Instruments BQ24113ARHLR Datasheet HTML 3Page - Texas Instruments BQ24113ARHLR Datasheet HTML 4Page - Texas Instruments BQ24113ARHLR Datasheet HTML 5Page - Texas Instruments BQ24113ARHLR Datasheet HTML 6Page - Texas Instruments BQ24113ARHLR Datasheet HTML 7Page - Texas Instruments BQ24113ARHLR Datasheet HTML 8Page - Texas Instruments BQ24113ARHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
STAT1
IN
IN
PG
VCC
TTCorCMODE
ISET1
ISET2
STAT2orNC
PGND
PGND
CE
SNS
BAT
CELLSorFBorNC
TS
20
1
11
10
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
bq24100, bq24103, bq24103A, bq24104, bq24105
bq24108, bq24109, bq24113, bq24113A, bq24115
www.ti.com
SLUS606P – JUNE 2004 – REVISED NOVEMBER 2015
6 Pin Configuration and Functions
RHL Package
20-Pin VQFN
Top View
bq24100, 03, 03A, 04, 05, 08, 09, 13, 13A, 15
Pin Functions
PIN
bq24100,
bq24103,
I/O
DESCRIPTION
bq24113,
NAME
bq24108,
bq24103A
bq24105
bq24115
bq24113A
bq24109
bq24104
Battery voltage sense input. Bypass it with a 0.1
μF capacitor to PGND if
BAT
14
14
14
14
14
I
there are long inductive leads to battery.
Charger enable input. This active low input, if set high, suspends charge
CE
16
16
16
16
16
I
and places the device in the low-power sleep mode. Do not pull up this
input to VTSB.
Available on parts with fixed output voltage. Ground or float for single-cell
CELLS
13
13
I
operation (4.2 V). For two-cell operation (8.4 V) pull up this pin with a
resistor to VCC.
Charge mode selection: low for precharge as set by ISET2 pin and high
CMODE
7
7
I
(pull up to VTSB or <7 V) for fast charge as set by ISET1.
Output voltage analog feedback adjustment. Connect the output of a
FB
13
13
I
resistive voltage divider powered from the battery terminals to this node to
adjust the output battery voltage regulation.
IN
3, 4
3, 4
3, 4
3, 4
3, 4
I
Charger input voltage.
Charger current set point 1 (fast charge). Use a resistor to ground to set
ISET1
8
8
8
8
8
I/O
this value.
Charge current set point 2 (precharge and termination), set by a resistor
connected to ground. A low-level CMODE signal selects the ISET2 charge
ISET2
9
9
9
9
9
I/O
rate, but if the battery voltage reaches the regulation set point,
bqSWITCHER™ changes to voltage regulation regardless of CMODE
input.
N/C
13
19
19
-
No connection. This pin must be left floating in the application.
1
1
1
1
1
O
Charge current output inductor connection. Connect a zener TVS diode
OUT
between OUT pin and PGND pin to clamp the voltage spike to protect the
20
20
20
20
20
O
power MOSFETs during abnormal conditions.
Power-good status output (open drain). The transistor turns on when a
PG
5
5
5
5
5
O
valid VCC is detected. It is turned off in the sleep mode. PG can be used to
drive a LED or communicate with a host processor.
PGND
17,18
17,18
17,18
17,18
17, 18
Power ground input
Charge current-sense input. Battery current is sensed via the voltage drop
SNS
15
15
15
15
15
I
developed on this pin by an external sense resistor in series with the
battery pack. A 0.1-
μF capacitor to PGND is required.
Charge status 1 (open-drain output). When the transistor turns on
STAT1
2
2
2
2
2
O
indicates charge in process. When it is off and with the condition of STAT2
indicates various charger conditions (See Table 1)
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq24100 bq24103 bq24103A bq24104 bq24105 bq24108 bq24109 bq24113 bq24113A
bq24115


Similar Part No. - BQ24113ARHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24113ARHLR TI-BQ24113ARHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113ARHLR TI1-BQ24113ARHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24113ARHLRG4 TI-BQ24113ARHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113ARHLRG4 TI1-BQ24113ARHLRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results

Similar Description - BQ24113ARHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com