Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24125RHLTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24125RHLTG4
Description  Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24125RHLTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24125RHLTG4 Datasheet HTML 2Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 3Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 4Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 5Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 6Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 7Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 8Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 9Page - Texas Instruments BQ24125RHLTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
V
IREG*PRE +
0.1V
RSET2
1000,
bq24120, bq24123, bq24125
SLUS688H – MARCH 2006 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(LOWV) ≤ VI(BAT) ≤ VO(REG),
V(ISET1)
Output current set voltage
1
V
V(VCC) ≥ VI(BAT) + V (DO-MAX)
VLOWV ≤ VI(BAT) < VO(REG) ,
K(ISET1)
Output current set factor
1000
V/A
V(VCC) ≥ VI(BAT) + V(DO-MAX)
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition voltage
VLOWV
68
71.4
75
%VO(REG)
threshold, BAT
Deglitch time for precharge to fast charge
Rising voltage;
t
20
30
40
ms
transition
tRISE, tFALL = 100 ns, 2-mV overdrive
IOPRECHG
Precharge range
VI(BAT) < VLOWV, t < tPRECHG
15
200
mA
V(ISET2)
Precharge set voltage, ISET2
VI(BAT) < VLOWV, t < tPRECHG
100
mV
K(ISET2)
Precharge current set factor
1000
V/A
10 mV
≤ VIREG-PRE ≤ 100 mV,
(1)
VIREG-PRE
Voltage regulated across RSNS-Accuracy
–20%
20%
Where
1.0 k
Ω ≤ RSET2 ≤ 10 kΩ, Select RSET2
to program VIREG-PRE,
VIREG-PRE (Measured) = IOPRE-CHG × RSNS
(–20% to 20% excludes errors due to RSET2
and RSNS tolerances)
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: bq24120 bq24123 bq24125


Similar Part No. - BQ24125RHLTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24125RHLT TI-BQ24125RHLT Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
More results

Similar Description - BQ24125RHLTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24120 TI-BQ24120 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com