Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ28Z610DRZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR
Description  Impedance Track Gas Gauge and Protection Solution
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR Datasheet(HTML) 3 Page - Texas Instruments

  BQ28Z610DRZR Datasheet HTML 1Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 2Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 3Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 4Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 5Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 6Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 7Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
4
5
6
7
8
11
12
PBI
VC2
VC1
SRN
SRP
VSS
TS 1
SCL
SDA
PACK
3
2
1
9
10
CHG
DSG
PWPD 13
3
bq28z610
www.ti.com
SLUSAS3B – APRIL 2014 – REVISED DECEMBER 2015
Product Folder Links: bq28z610
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/O = Digital Input/Output
6 Pin Configuration and Functions
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
DRZ
VSS
1
P
Device ground
SRN
2
AI
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP and SRN where SRP is the top of the sense resistor.
SRP
3
AI
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP and SRN where SRP is the top of the sense resistor.
TS1
4
AI
Temperature input for ADC to the oversampled ADC channel, and optional Battery Trip Point
(BTP) output
SCL
5
I/O
Serial Clock for I2C interface; requires external pullup when used
SDA
6
I/O
Serial Data for I2C interface; requires external pullup
DSG
7
O
N-CH FET drive output pin
PACK
8
AI, P
Pack sense input pin
CHG
9
O
N-CH FET drive output pin
PBI
10
P
Power supply backup input pin
VC2
11
AI, P
Sense voltage input pin for most positive cell, balance current input for most positive cell. Primary
power supply input and battery stack measurement input (BAT)
VC1
12
AI
Sense voltage input pin for least positive cell, balance current input for least positive cell
PWPD
Exposed Pad, electrically connected to VSS (external trace)


Similar Part No. - BQ28Z610DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z610DRZR-R1 TI1-BQ28Z610DRZR-R1 Datasheet
840Kb / 32P
[Old version datasheet]   BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
More results

Similar Description - BQ28Z610DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78Z100 TI1-BQ78Z100 Datasheet
1Mb / 39P
[Old version datasheet]   Impedance Track Gas Gauge
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ4050 TI1-BQ4050 Datasheet
3Mb / 53P
[Old version datasheet]   CEDV Gas Gauge and Protection Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com