Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL499A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL499A
Description  Wide-Range Power-Supply Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL499A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL499A Datasheet HTML 4Page - Texas Instruments TL499A Datasheet HTML 5Page - Texas Instruments TL499A Datasheet HTML 6Page - Texas Instruments TL499A Datasheet HTML 7Page - Texas Instruments TL499A Datasheet HTML 8Page - Texas Instruments TL499A Datasheet HTML 9Page - Texas Instruments TL499A Datasheet HTML 10Page - Texas Instruments TL499A Datasheet HTML 11Page - Texas Instruments TL499A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TL499A
SLVS029H – JANUARY 1984 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
Table 1. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 150 Ω (continued)
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
5
35
40
45
55
70
85
100
100
Circuit of Figure 1, except:
4.5
35
45
50
60
75
95
100
100(1)
RCL = 150 Ω
CF = 330 μF
3
55
65(1)
75(1)
95(1)
100(1)
CP = 0.1 μF
2.9
60(1)
70(1)
75(1)
100(1)
100(1)
(1)
The difference between the output and input voltage for these combinations is greater than the minimum output-to-input differential-
voltage specification at 70°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 2. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 200 Ω
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
30
50
100
25
50
70
100
20
15
25
30
70
90
100
15
10
15
25
35
45
90
100
100
12
10
10
15
20
25
35
45
60
100
100
100
10
15
20
20
25
30
40
55
70
100
100
9
20
20
25
30
35
45
60
80
100
6
25
30
35
45
50
65
90
100
5
30
35
40
55
60
75
100
100
Circuit of Figure 1, except:
4.5
35
40
45
55
65
85
100
100(1)
RCL = 200 Ω
CF = 330 μF
3
50
55(1)
65(1)
80(1)
90(1)
CP = 0.1 μF
2.9
50(1)
60(1)
65(1)
85(1)
100(1)
(1)
The difference between the output and input voltage for these combinations is greater than the minimum output-to-input differential-
voltage specification at 70°C (1.2 V), but less than the minimum at 85°C (1.9 V).
Table 3. Maximum Output Current vs Input and Output Voltages for Step-Up Switching Regulator With
RCL = 300 Ω
SWITCHING REGULATOR INPUT VOLTAGE (SW REG IN2) (V)
OUTPUT
1.1
1.2
1.3
1.5
1.7
2
2.5
3
5
6
9
VOLTAGE (V)
OUTPUT CURRENT (mA)
30
40
70
25
40
55
100
20
10
15
20
55
70
100
15
10
10
20
30
35
75
95
100
12
10
10
10
15
20
25
35
45
95
100
100
10
15
15
15
20
25
30
45
55
100
100
9
15
15
20
25
30
35
50
60
100
100
6
25
25
30
35
45
55
70
90
8
Submit Documentation Feedback
Copyright © 1984–2015, Texas Instruments Incorporated
Product Folder Links: TL499A


Similar Part No. - TL499A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI-TL499ACP Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI-TL499ACP Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACPE4 TI-TL499ACPE4 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results

Similar Description - TL499A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
   60W WIDE-RANGE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com