Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-010144-000000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010144-000000
Description  Push Pull CATV Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010144-000000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010144-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010144-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010144-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010144-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010144-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010144-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010144-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Push Pull CATV Amplifier
50 - 1000 MHz
Rev. V1
MAAM-010144
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
19
20.5
23
Gain Flatness
dB
0.6
Noise Figure
dB
5.5
Input Return Loss
dB
18
Output Return Loss
dB
15
Reverse Isolation
dB
36
Output IP2
500 MHz, +8 dBm output
dBm
80
Output IP3
Two tones at 500 & 506 MHz, +8 dBm output/tone
dBm
41
43
Composite Triple Beat, CTB
77 Channels, +39 dBm V / Channel at the output
dBc
-70
Composite Second Order, CSO
77 Channels, +39 dBm V / Channel at the output
dBc
-70
Cross modulation
77 Channels, +39 dBm V / Channel at the output
dBc
-70
P1dB
500 MHz
dBm
26
IDD
+8 Volts
mA
325
385
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +8 Volts, Z0 = 75 Ω,
Test Circuit with M/A-COM Technology Balun MABA-009210-CT1760
5. Reference Specification Data-Over-Cable Service Interface Specifications, DOCSIS. Downstream RF Interface Specification, DRFI.
Parameter
Units
Ref Spec5
Typical data
Test Conditions
Adjacent channel up to 750 KHz from channel
block edge
dBc
<-58
<-58
<-58
-65
-65
-66
POUT = +60 dBmV, N=1
POUT = +56 dBmV, N=2
POUT = +52 dBmV, N=4
Adjacent channel
(750 kHz from channel block edge to 6 MHz
from channel block edge)
dBc
<-62
<-60
<-60
-67
-64
-63
POUT = +60 dBmV, N=1
POUT = +56 dBmV, N=2
POUT = +52 dBmV, N=4
Next-adjacent channel
(6 MHz from channel block edge to 18 MHz
from channel block edge)
dBc
<-65
<-64
<-63
-75
-70
-65
POUT = +60 dBmV, N=1
POUT = +56 dBmV, N=2
POUT = +52 dBmV, N=4
Third-adjacent channel
(12 MHz from channel block edge to 18 MHz
from channel block edge)
dBc
<-73
<-70
<-65
-76
-73
-68
POUT = +60 dBmV, N=1
POUT = +56 dBmV, N=2
POUT = +52 dBmV, N=4
In each of 2N contiguous 6 MHz channels or
in each of 3N contiguous 6 MHz channels
coinciding with 2nd harmonic and with 3rd
harmonic components respectively
(up to 1000 MHz)
dBc
–63
–63
-70
-65
POUT = +60 dBmV, N=1, 2nd Harmonic
POUT = +60 dBmV, N=1, 3rd Harmonic
Electrical Specifications: Frequency = 500 MHz, 256 QAM


Similar Part No. - MAAM-010144-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
More results

Similar Description - MAAM-010144-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
   Push-Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
logo
TriQuint Semiconductor
TAT8858A1H TRIQUINT-TAT8858A1H_15 Datasheet
1Mb / 25P
   CATV Infrastructure Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com