Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-009563-001SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009563-001SMB
Description  RF Driver Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009563-001SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009563-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009563-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009563-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009563-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009563-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009563-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
11
RF Driver Amplifier
250 - 3000 MHz
Rev. V2
MAAM-009563
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
1. Reference Application Note M513 for reel size information.
2. Sample board includes 5 loose parts.
Features
 OIP3: 47 dBm
 Broadband Operation
 High Efficiency
 Class 2 ESD Rating
 Lead-Free SOIC-8EP Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAM-009563 RF driver amplifier is a two
stage GaAs MMIC which exhibits exceptional
linearity performance as well as featuring high gain
in a lead-free SOIC-8EP surface mount plastic
package.
The MAAM-009563 is fabricated using a GaAs HBT
process to realize low current
and
high power
functionality. The process features full passivation
for increased performance and reliability.
The MAAM-009563 has been designed to be a
functional driver amplifier from 250 to 3000 MHz.
This broad operation is achieved using external
matching components as shown in the PCB layout.
Component values are selected to center the
200 MHz instantaneous bandwidth within the overall
frequency range.
Ordering Information1,2
Pin Configuration3
Pin No.
Pin Name
Description
1
VCC1
1st Stage VCC & RF Output
2
N/C
No Connection
3
N/C
No Connection
4
RFIN
Amplifier Input
5
RFOUT/ VCC2 Amplifier Output & 2nd Stage VCC
6
RFOUT/ VCC2 Amplifier Output & 2nd Stage VCC
7
N/C
No Connection
8
RFIN2
2nd Stage RF Input
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
2
3
4
8
7
6
5
VCC1
RFIN
RFOUT
/ VCC2
RFIN2
N/C
N/C
N/C
RFOUT
/ VCC2
3. The exposed pad centered on the package bottom must be
connected to the RF and DC ground.
Part Number
Package
MAAM-009563-000000
Bulk
MAAM-009563-TR3000
3000 piece reel
MAAM-009563-001SMB
Sample Board


Similar Part No. - MAAM-009563-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009563-001SMB MA-COM-MAAM-009563-001SMB Datasheet
285Kb / 4P
   RF Driver Amplifier
More results

Similar Description - MAAM-009563-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
   RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617_15 Datasheet
418Kb / 7P
   RF Driver Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_14 Datasheet
427Kb / 16P
   RF Driver Amplifier
ADL5605 AD-ADL5605_17 Datasheet
554Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
   RF Driver Amplifier
logo
Analog Devices
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
   RF Driver Amplifier
MAAM-009563 MA-COM-MAAM-009563 Datasheet
241Kb / 5P
   RF Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560 Datasheet
235Kb / 4P
   RF Driver Amplifier
logo
Analog Devices
ADL5604 AD-ADL5604_17 Datasheet
777Kb / 23P
   RF Driver Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com