Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-008970-001SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-008970-001SMB
Description  Satellite Communications Single Ended 2-Way Active Splitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008970-001SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008970-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008970-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008970-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-008970-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-008970-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-008970-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Satellite Communications Single Ended 2-Way Active Splitter
950 - 2150 MHz
Rev. V1
MAAM-008970
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves
Gain__OUT1 & OUT2
Noise Figure (Typical both Outputs)
Output Return Loss (Typical both Outputs)
Input Return Loss
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C
0°C
+85°C
Frequency (GHz)
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C
0°C
+85°C
Frequency (GHz)
Gain__OUT1 & OUT2 to 3 GHz
Reverse Isolation to 3 GHz
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C_ in-out 1
+25°C_ in-out 2
0°C_in-out 1
0°C_in-out 2
+85°C_in-out 1
+85°C_in-out 2
Frequency (GHz)
1
2
3
4
5
6
7
8
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
+25°C
0°C
+85°C
Frequency (GHz)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.6
1.2
1.8
2.4
3.0
+25°C_ in-out 1
+25°C_ in-out 2
0°C_in-out 1
0°C_in-out 2
+85°C_in-out 1
+85°C_in-out 2
Frequency (GHz)
-40
-30
-20
-10
0
0.0
0.6
1.2
1.8
2.4
3.0
+25°C_ in-out 1
+25°C_ in-out 2
0°C_in-out 1
0°C_in-out 2
+85°C_in-out 1
+85°C_in-out 2
Frequency (GHz)


Similar Part No. - MAAM-008970-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008970-001SMB MA-COM-MAAM-008970-001SMB Datasheet
239Kb / 5P
   Satellite Communications Single Ended 2-Way Active Splitter 950 - 2150 MHz
More results

Similar Description - MAAM-008970-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008970 MA-COM-MAAM-008970 Datasheet
239Kb / 5P
   Satellite Communications Single Ended 2-Way Active Splitter
MAAM-008970 MA-COM-MAAM-008970 Datasheet
239Kb / 5P
   Satellite Communications Single Ended 2-Way Active Splitter 950 - 2150 MHz
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_15 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_17 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818 Datasheet
210Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805 Datasheet
227Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com