Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP598AA Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP598AA
Description  TOSHIBA Photocoupler Photo Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP598AA Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP598AA_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP598AA_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP598AA
2014-09-22
4
IF – Ta
Ambient temperature Ta (°C)
0
−20
80
40
20
0
20
40
60
80
100
60
100
IFP – DR
Duty cycle ratio DR
5000
10
3
10−3
3
3
3
100
1000
300
50
3000
500
100
30
10−2
10−1
Pulse width≦100μs
Ta = 25°C
PC – Ta
Ambient temperature Ta (°C)
200
−20
500
400
0
20
40
60
80
100
600
300
100
0
120
B connection
A, C connection
IF – VF
Forward voltage VF (V)
100
0.6
10
30
0.8
1.0
1.2
1.6
1.8
1.4
0.1
3
1
0.3
0.5
5
50
Ta = 25°C
ION(RMS) – Ta
Ambient temperature Ta (°C)
0
−20
120
100
80
60
40
20
0
1200
1000
800
600
400
200
C connection
A, B connections


Similar Part No. - TLP598AA_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
More results

Similar Description - TLP598AA_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
   TOSHIBA Photocoupler Photo Relay
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA Datasheet
151Kb / 6P
   TOSHIBA Photocoupler Photo Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com