Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP597A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP597A
Description  TOSHIBA PHOTOCOUPLER PHOTO RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP597A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP597A_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP597A_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP597A_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP597A_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP597A_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP597A_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP597A
2014-09-01
4
AMBIENT TEMPERATURE Ta(℃)
I - Ta
F
-20
0
20
40
60
80 100 120
0
20
40
60
80
100
AMBIENT TEMPERATURE
Ta(℃)
I
- Ta
ON
A,B CONNECTION
C CONNECTION
-20
0
20
40
60
80 100 120
0
200
400
600
800
1000
1200
FORWARD VOLTAGE V(V)
I
- V
F
F
F
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
ON-STATE VOLTAGE V
(V)
I
- V
ON
Ta=25℃,I =5mA
A CONNECTION
F
ON
ON
-1
-0.5
0
0.5
1
-750
-500
-250
0
250
500
750
AMBIENT TEMPERATURE Ta(℃)
R
- Ta
ON
I
=500mA
I =5mA
F
ON
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
AMBIENT TEMPERATURE
Ta(℃)
IFT
- Ta
I =500mA
t<1s
ON
-40 -20
0
20406080 100
0
1
2
3
4
5


Similar Part No. - TLP597A_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
More results

Similar Description - TLP597A_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
   TOSHIBA Photocoupler Photo Relay
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
   TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA Datasheet
151Kb / 6P
   TOSHIBA Photocoupler Photo Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com