Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QF6-994-0280-06 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # QF6-994-0280-06
Description  vibration: 9.8 g, 20-2000 Hz, duration 60 sec. each axis.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

QF6-994-0280-06 Datasheet(HTML) 1 Page - Vectron International, Inc

  QF6-994-0280-06 Datasheet HTML 1Page - Vectron International, Inc QF6-994-0280-06 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24 January 2008
Specification for crystal filter:
QF 6.990……....7.010-0280/06
1. General
1.1. Package
1.2.
Type name:
QF 6.990…….7.010-0280/06
1.3.
Number of poles:
5
1.4.
Operating temperature range:
-30°C to +85°C
1.5.
Storage temperature range:
-45°C to +85°C
2.
Electric values
2.1.
Nominal centre frequency fo [ MHz ]:
6.990 , 6.992, 6.994, 6.996, 6.998, 7.000, 7.002
7.004, 7.006, 7.008, 7.010
2.2.
Pass band
2.2.1. Centre frequency fc at 25°C 3°C:
fo 180Hz
2.2.2. Bandwidth between 3 dB - frequencies:
> fc 1.4 kHz
2.2.3. Ripple at fc 0.8 kHz:
< 1.0 dB ( < 0.5 dB peak to peak )
2.2.4. Insertion loss:
< 3.0 dB
( measured on smallest attenuation in pass band )
2.3.
Stop band
2.3.1. fc 5.5 kHz
> 60 dB
2.3.2. Alternate Attenuation
> 70 dB ( except spurious )
2.4.
Nominal input power level
+10 dBm
2.4.1. Maximal input power level
+25 dBm
2.5.
Terminating impedance R//C ( input and output ):
50 // 0 pF
3.
Marking ( i. e. ):
manufacturer, date code
QF 6.990-0280/06


Similar Part No. - QF6-994-0280-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QF6-990-0280-06 VECTRON-QF6-990-0280-06 Datasheet
89Kb / 2P
   Nominal centre frequency fo [ MHz ]: 6.990 , 6.992, 6.994, 6.996, 6.998, 7.000, 7.002
QF6-992-0280-06 VECTRON-QF6-992-0280-06 Datasheet
89Kb / 2P
   vibration: 9.8 g, 20-2000 Hz, duration 60 sec. each axis.
QF6-996-0280-06 VECTRON-QF6-996-0280-06 Datasheet
89Kb / 2P
   Air reflow temperature conditions average ramp-up rate ( 30C to 217C )
QF6-998-0280-06 VECTRON-QF6-998-0280-06 Datasheet
89Kb / 2P
   Air reflow temperature conditions average ramp-up rate 30C to 217C
More results

Similar Description - QF6-994-0280-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QF6-992-0280-06 VECTRON-QF6-992-0280-06 Datasheet
89Kb / 2P
   vibration: 9.8 g, 20-2000 Hz, duration 60 sec. each axis.
logo
Analog Devices
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS645 AD-ADXRS645 Datasheet
323Kb / 10P
   High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
ADXL251 AD-ADXL251 Datasheet
103Kb / 2P
   Dual-Axis, 60 g to 480 g Sensor with SPI and PSI5
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
logo
MEMSIC Semiconductor (T...
MXC6244AU MEMSIC-MXC6244AU Datasheet
728Kb / 15P
   짹8g 2 Axis Accelerometer with Programmable Vibration Filter
Rev.A (6/27/2016)
logo
Analog Devices
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
logo
Mallory Sonalert Produc...
PT-1520PQ MSPI-PT-1520PQ Datasheet
105Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
PT-2020PQ MSPI-PT-2020PQ Datasheet
87Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com