Electronic Components Datasheet Search |
|
MAAM-008720-00CA36 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAM-008720-00CA36 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 3 page Cascadable Amplifier 10 to 2000 MHz Rev. V3 A36 / SMA36 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Electrical Specifications: Z0 = 50, VCC = +15 VDC Parameter Units Typical Guaranteed 25ºC 0º to 50ºC -54º to +85ºC* Frequency MHz 80-2000 100-2000 100-2000 Small Signal Gain (min) dB 16.5 15.5 14.5 Gain Flatness (max) dB ±0.3 ±0.8 ±1.0 Reverse Isolation dB 29 Noise Figure (max) dB 5.5 7.0 7.5 Power Output @ 1 dB comp. (min) dBm 12.0 11.0 10.5 IP3 dBm +23 IP2 dBm +30 Second Order Harmonic IP dBm +35 VSWR Input / Output (max) 1.5:1 / 1.5:1 1.9:1 / 1.9:1 2.0:1 / 2.0:1 DC Current @ 15 Volts (max) mA 63 64 67 Features AVAILABLE IN SURFACE MOUNT HIGH GAIN-TWO STAGES 16.5 dB (TYP.) LOW VSWR <1.5:1 (TYP.) MEDIUM OUTPUT LEVEL +12 dBm (TYP.) Description The A36 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability. This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available Product Image Ordering Information Part Number Package A36 TO-8 SMA36 Surface Mount MAAM-008720-00CA36 SMA Connectorized ** Absolute Maximum Ratings Parameter Absolute Maximum Storage Temperature -62ºC to +125ºC Case Temperature 125ºC DC Voltage +17 V Continuous Input Power +10 dBm Short Term Input power (1 minute max.) 50 mW Peak Power (3 µsec max.) 0.5 W “S” Series Burn-In Temperature (case) 125ºC Thermal Data: VCC = +15 VDC Parameter Rating Thermal Resistance θjc 150ºC/W Transistor Power Dissipation Pd 0.394 W Junction Temperature Rise Above Case Tjc 56ºC * Over temperature performance limits for part number CA36, guaranteed from 0oC to +50oC only. ** The connectorized version is not RoHs compliant. |
Similar Part No. - MAAM-008720-00CA36 |
|
Similar Description - MAAM-008720-00CA36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |