Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4161R-B Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW4161R-B
Description  MOSFET Drive Switching Regulator IC for Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4161R-B Datasheet(HTML) 2 Page - New Japan Radio

  NJW4161R-B Datasheet HTML 1Page - New Japan Radio NJW4161R-B Datasheet HTML 2Page - New Japan Radio NJW4161R-B Datasheet HTML 3Page - New Japan Radio NJW4161R-B Datasheet HTML 4Page - New Japan Radio NJW4161R-B Datasheet HTML 5Page - New Japan Radio NJW4161R-B Datasheet HTML 6Page - New Japan Radio NJW4161R-B Datasheet HTML 7Page - New Japan Radio NJW4161R-B Datasheet HTML 8Page - New Japan Radio NJW4161R-B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NJW4161
- 2 -
Ver.2015-05-11
PIN CONFIGURATION
BLOCK DIAGRAM
GND
Error AMP
PWM
Comparator
Driver
Pulse by
Pulse
10V
Regulator
VREF
0.8V
TSD
V+
FB
IN-
RT
RT State
ON: Connect timing resistor to GND
OFF (Stand-by): RT terminal open
OUT
REGH
PWM/PFM
Control
SI
VIPK
OSC
Soft Start
Enable
Control
500k
VREG
UVLO
*C version only
PIN FUNCTION
1. REGH
2. SI
3. OUT
4. V+
5. IN-
6. FB
7. RT
8. GND
NJW4161R-A
NJW4161R-B
NJW4161R-C
NJW4161D-A
1
8
2
7
3
6
4
5


Similar Part No. - NJW4161R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4161R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com