Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4161 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW4161
Description  MOSFET Drive Switching Regulator IC for Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4161 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJW4161 Datasheet HTML 2Page - New Japan Radio NJW4161 Datasheet HTML 3Page - New Japan Radio NJW4161 Datasheet HTML 4Page - New Japan Radio NJW4161 Datasheet HTML 5Page - New Japan Radio NJW4161 Datasheet HTML 6Page - New Japan Radio NJW4161 Datasheet HTML 7Page - New Japan Radio NJW4161 Datasheet HTML 8Page - New Japan Radio NJW4161 Datasheet HTML 9Page - New Japan Radio NJW4161 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NJW4161
- 6 -
Ver.2015-05-11
TYPICAL CHARACTERISTICS
0.79
0.795
0.8
0.805
0.81
0
10
20
30
40
Supply Voltage V+ (V)
Reference Voltage vs. Supply Voltage
(Ta=25ºC)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
Supply Voltage V+ (V)
Quiescent Current vs. Supply Voltage
(RT=10kW, RL=no load, VIN-=VFB=0.7V, Ta=25ºC)
0
45
90
135
180
0
15
30
45
60
100
1k
10k
100k
1M
10M
Frequency f (Hz)
Error Amplifier Block
Voltage Gain, Phase vs. Frequency
(V+=12V, Gain=40dB, Ta=25ºC)
Gain
Phase
480
485
490
495
500
505
510
515
520
0
10
20
30
40
Supply Voltage V+ (V)
Oscillating Frequency 1 vs. Supply Voltage
(RT=3.6kW, Ta=25ºC)
190
192
194
196
198
200
202
204
206
208
210
0
10
20
30
40
Supply Voltage V+ (V)
Oscillating Frequency 2 vs. Supply Voltage
(RT=10kW, Ta=25ºC)
10
100
1000
1
10
100
Timing Registor RT (kW)
Oscillating Frequency vs. Timing Registor
(V+=12V, Ta=25ºC)


Similar Part No. - NJW4161

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4161

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com