Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4155DL3-B Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW4155DL3-B
Description  Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4155DL3-B Datasheet(HTML) 5 Page - New Japan Radio

  NJW4155DL3-B Datasheet HTML 1Page - New Japan Radio NJW4155DL3-B Datasheet HTML 2Page - New Japan Radio NJW4155DL3-B Datasheet HTML 3Page - New Japan Radio NJW4155DL3-B Datasheet HTML 4Page - New Japan Radio NJW4155DL3-B Datasheet HTML 5Page - New Japan Radio NJW4155DL3-B Datasheet HTML 6Page - New Japan Radio NJW4155DL3-B Datasheet HTML 7Page - New Japan Radio NJW4155DL3-B Datasheet HTML 8Page - New Japan Radio NJW4155DL3-B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
NJW4155
- 5 -
Ver.2015-11-13
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, V+=VEN./SYNC=12V, Ta=25 C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Under Voltage Lockout Block
ON Threshold Voltage
VT_ON
V+= L → H
4.2
4.4
4.5
V
OFF Threshold Voltage
VT_OFF
V+= H → L
4.1
4.3
4.4
V
Hysteresis Voltage
VHYS
70
90
mV
Soft Start Block
Soft Start Time
TSS
VB=0.75V
2
4
8
ms
Oscillator Block
Oscillation Frequency
fOSC
A, C version, VIN-=0.7V
405
450
495
kHz
B version, VIN-=0.7V
270
300
330
kHz
Oscillation Frequency
deviation (Supply voltage)
fDV
V+=4.5V to 40V
1
%
Oscillation Frequency
deviation (Temperature)
fDT
Ta=-40 C to +85 C
5
%
Error Amplifier Block
Reference Voltage
VB
-1.0%
0.8
+1.0%
V
Input Bias Current
IB
-0.1
+0.1
A
PWM Comparate Block
Maximum Duty Cycle
MAXDUTY
VIN-=0.7V
92
95.5
%
Minimum ON Time1
(Use Built-in Oscillator)
tON-min1
A, C version
150
200
ns
B version
215
290
ns
Minimum ON Time2
(Use Ext CLK)
tON-min2
A, C version, fSYNC=500kHz
100
140
ns
B version, fSYNC=400kHz
145
200
ns
OCP Block
COOL DOWN Time
tCOOL
75
ms
Output Block
Output ON Resistance
RON
ISW=1.5A
0.2
0.4
Switching Current Limit
ILIM
2.7
3.4
4.0
A
SW Leak Current
ILEAK
VEN/SYNC=0V, V
+=45V, VSW=0V
3
A


Similar Part No. - NJW4155DL3-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4150ARB1-A NJRC-NJW4150ARB1-A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4155DL3-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4170 NJRC-NJW4170 Datasheet
476Kb / 24P
   Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com