Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2466 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2466
Description  Photocouplers GaA-As Infrared LED and Photo IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2466 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2466 Datasheet HTML 1Page - Toshiba Semiconductor TLP2466 Datasheet HTML 2Page - Toshiba Semiconductor TLP2466 Datasheet HTML 3Page - Toshiba Semiconductor TLP2466 Datasheet HTML 4Page - Toshiba Semiconductor TLP2466 Datasheet HTML 5Page - Toshiba Semiconductor TLP2466 Datasheet HTML 6Page - Toshiba Semiconductor TLP2466 Datasheet HTML 7Page - Toshiba Semiconductor TLP2466 Datasheet HTML 8Page - Toshiba Semiconductor TLP2466 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP2466
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2466
TLP2466
TLP2466
TLP2466
Start of commercial production
2011-04
1.
1.
1.
1. Applications
Applications
Applications
Applications
Factory Networking
High-Speed Digital Interfacing for Instrumentation and Control Devices
Plasma Display Panels (PDPs)
2.
2.
2.
2. General
General
General
General
The Toshiba TLP2466 consists of a high-output GaAℓAs light-emitting diode coupled with a high-speed photo-
diode-transistor chip. The TLP2466 guarantees operation at up to 125 and on supplies both 3.3 V and 5 V. It
is offered in the SO8 package. The TLP2466 has a totem-pole output that can both sink and source current. An
internal noise shield provides a guaranteed common-mode transient immunity of ±20 kV/µs.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (Totem pole output)
(2)
Package: SO8
(3)
Operating temperature: -40 to 125
(4)
Supply voltage: 2.7 to 5.5 V
(5)
Data transfer rate: 20 MBd (typ.) (NRZ)
(6)
Threshold input current: 3.5 mA (max)
(7)
Supply current: 3 mA (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 3750 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
2016-02-10
Rev.2.0
©2016 Toshiba Corporation


Similar Part No. - TLP2466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP2466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com