Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS657120YFFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS657120YFFR
Description  PMU for Baseband and RF-PA Power
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS657120YFFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS657120YFFR Datasheet HTML 5Page - Texas Instruments TPS657120YFFR Datasheet HTML 6Page - Texas Instruments TPS657120YFFR Datasheet HTML 7Page - Texas Instruments TPS657120YFFR Datasheet HTML 8Page - Texas Instruments TPS657120YFFR Datasheet HTML 9Page - Texas Instruments TPS657120YFFR Datasheet HTML 10Page - Texas Instruments TPS657120YFFR Datasheet HTML 11Page - Texas Instruments TPS657120YFFR Datasheet HTML 12Page - Texas Instruments TPS657120YFFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
TPS657120
www.ti.com
SLVSBO3A – DECEMBER 2013 – REVISED DECEMBER 2015
4.7
Electrical Characteristics: DCDC3
TA = –40°C to +85°C, typical values are at TA = 25°C (unless otherwise noted); see Section 4.12.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.8
5.5
V
output voltage defined by internal resistor divider;
0.8
3.60
DCDC3_CTRL:VCON = 0
DCDC3 output
VDCDC3
V
voltage
output voltage defined by VCON input;
0.1
3.60
DCDC3_CTRL:VCON = 1
Continuous output
IOUT(DCDC3)
DCDC3
2200
mA
current
ILOAD = 0 mA, DCDC3_MODE = 0, Device not
26
46
μA
switching
IQ
Quiescent current
ILOAD = 0 mA, DCDC3_MODE = 1, Device
6
mA
switching
DCDC3_MODE = 1, ILOAD = 0 mA, TA = 25°C;
–2%
2%
COUT = 2 x 4.7 µF + 2.2 µF
DCDC3_MODE = 1, ILOAD = 0 mA, TA = –40 –
85°C;
–2.5%
2.5%
COUT = 2 x 4.7 µF + 2.2 µF
Accuracy; output
DCDC3_MODE = 0, ILOAD = 0 mA, TA = 25°C;
voltage setting with
COUT = 2 x 4.7 µF + 2.2 µF
register;
–3%
3%
the output voltage tolerance is ±3% or ±45 mV
DCDC3_CTRL:VCO
whichever is larger
N = 0
VDCDC3
DCDC3_MODE = 0, ILOAD = 0 mA, TA = –40 –
85°C;
COUT = 2 x 4.7 µF + 2.2 µF
–3%
3%
the output voltage tolerance is ±3% or ±45 mV
whichever is larger
Accuracy for VCON
Vo = 0.1 V to 3.6 V; COUT = 2 x 4.7 µF + 2.2 µF;
operation;
PWM mode forced automatically; accuracy in
–5%
5%
DCDC3_CTRL:VCO
VCON mode is ±5% or ±25 mV, whichever is larger
N = 1
fSW
Switching frequency
DCDC3_MODE = 1 or DCDC3_CTRL:VCON = 1
2100
2300
2700
kHz
High-side MOSFET
VIN_DCDC3 = 3.6 V, 100% duty cycle
75
120
m
on-resistance
RDS(ON)
Low-side MOSFET
VIN_DCDC3 = 3.6 V, 0% duty cycle
110
180
m
on-resistance
High-side leakage
ILK_HS
TJ = 85°C; VINDCDC3=4.2 V
3
μA
current
Low-side leakage
ILK_LS
TJ = 85°C; VINDCDC3=4.2 V
3
μA
current
High-side current
ILIM
2.9 V
≤ VIN_DCDC3 ≤ 5.5 V
2400
3000
3600
mA
limit
Low-side current
ILIM
2.9 V
≤ VIN_DCDC3 ≤ 5.5 V
2200
2800
3400
mA
limit
2.9 V
≤ VIN_DCDC3 ≤ 5.5 V; EN_nILIM_xl=1
1000
1500
2000
mA
Low-side negative
ILIM
current limit
2.9 V
≤ VIN_DCDC3 ≤ 5.5 V; EN_nILIM_xl=0
200
mA
Duty cycle
VIN = 3.6 V
2%
100%
DCDC3 output
VIN = 5 V; VOUT = 3.4 V; Io=2 A; L=1.5 µH, ESR=90
10
50
mVpp
voltage ripple
mR; Co=10 µF
DCDC3 load
VIN = 5 V; VOUT = 3.4 V; Io=200 mA to 1.8 A; L=1.5
100
mV
transient response
µH, ESR=90 mR; Co=10 µF; dt=10 µs
VINDCDCx=3.7 V, Vo=3.4 V; Io=1500 mA
80%
Efficiency
VINDCDCx=3.7 V, Vo=3.4 V; Io=400 mA
90%
VINDCDCx=3.7 V, Vo=2.0 V; Io=10 mA
80%
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: TPS657120


Similar Part No. - TPS657120YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS657051 TI-TPS657051 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI-TPS657051 Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051YZHR TI-TPS657051YZHR Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051YZHR TI-TPS657051YZHR Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051YZHT TI-TPS657051YZHT Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
More results

Similar Description - TPS657120YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
logo
NXP Semiconductors
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com