Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650860A0RSKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650860A0RSKR
Description  Configurable Multirail PMU for Multicore Processors
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650860A0RSKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS650860A0RSKR Datasheet HTML 5Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 6Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 7Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 8Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 9Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 10Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 11Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 12Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
TPS650860
www.ti.com
SWCS128A – MARCH 2015 – REVISED DECEMBER 2015
4.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
ANALOG
VSYS
5.6
13
21
V
VREF
–0.3
1.3
V
PVIN3, PVIN4, PVIN5, LDO5P0, V5ANA, DRV5V_1_6, DRV5V_2_A1
–0.3
5
5.5
V
PGNDSNS1, PGNDSNS2, PGNDSNS6, AGND, FBGND2
–0.3
0.3
V
DRVH1, DRVH2, DRVH6, BOOT1, BOOT2, BOOT6
–0.3
26.5
v
DRVL1, DRVL2, DRVL6
–0.3
5.5
V
SW1, SW2, SW6
–1
21
V
LX3, LX4, LX5
–1
5.5
V
FBVOUT1, FBVOUT2, FBVOUT6, FB3, FB4, FB5
–0.3
3.6
V
LDO3P3, ILIM1, ILIM2, ILIM6, LDOA1
–0.3
3.3
V
PVINVTT
–0.3
1.2 / 1.35
FBVOUT6
V
VTT, VTTFB
–0.3
FBVOUT6 / 2
V
PVINSWA1, SWA1
–0.3
3.3
3.6
V
PVINSWB1_B2, PVINLDOA2_A3, SWB1, SWB2
–0.3
1.8
V
LDOA2, LDOA3
–0.3
1.5
V
DIGITAL IOs
DATA, CLK, CTL1–CTL6, GPO1–GPO4, IRQB
–0.3
3.3
V
CHIP
TA
Operating ambient temperature range
–40
27
85
°C
TJ
Operating junction temperature range
–40
27
125
°C
4.4
Thermal Information
TPS650860
THERMAL METRIC(1)
RSK (VQFN)
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
25.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
11.3
°C/W
RθJB
Junction-to-board thermal resistance
4.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
4.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4.5
Electrical Characteristics: Total Current Consumption
over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PMIC shutdown current that includes IQ for
VSYS = 13 V, all functional output rails
ISD
65
µA
References, LDO5, LDO3P3, and digital core
are disabled
Copyright © 2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: TPS650860


Similar Part No. - TPS650860A0RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860A0RSKR TI1-TPS650860A0RSKR Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
More results

Similar Description - TPS650860A0RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
   P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com