Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22924BYZZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22924BYZZR
Description  On-Resistance Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22924BYZZR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22924BYZZR Datasheet HTML 1Page - Texas Instruments TPS22924BYZZR Datasheet HTML 2Page - Texas Instruments TPS22924BYZZR Datasheet HTML 3Page - Texas Instruments TPS22924BYZZR Datasheet HTML 4Page - Texas Instruments TPS22924BYZZR Datasheet HTML 5Page - Texas Instruments TPS22924BYZZR Datasheet HTML 6Page - Texas Instruments TPS22924BYZZR Datasheet HTML 7Page - Texas Instruments TPS22924BYZZR Datasheet HTML 8Page - Texas Instruments TPS22924BYZZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS22924B, TPS22924C
SLVSAR3E – APRIL 2011 – REVISED DECEMBER 2015
TPS22924x 3.6-V, 2-A, 18.3-m
Ω On-Resistance Load Switch
1 Features
3 Description
The TPS22924x is a small, low RON load switch with
1
Integrated Single Load Switch
controlled turn on. The device contains a N-channel
Input Voltage: 0.75 V to 3.6 V
MOSFET that can operate over an input voltage
On-Resistance
range of 0.75 V to 3.6 V. An integrated charge pump
biases the NMOS switch to achieve a minimum
RON = 18.3 mΩ at VIN = 3.6 V
switch ON resistance. The switch is controlled by an
RON = 19.6 mΩ at VIN = 1.8 V
on/off input (ON), which is capable of interfacing
RON = 19.4 mΩ at VIN = 1.2 V
directly with low-voltage control signals.
RON = 22.7 mΩ at VIN = 0.75 V
A 1250
Ω on-chip load resistor is added for output
Small CSP-6 package
quick discharge when the switch is turned off. The
0.9 mm x 1.4 mm, 0.5-mm Pitch
rise time of the device is internally controlled to avoid
inrush current. The TPS22924B features a rise time
2 A Maximum Continuous Switch Current
of 100 µs at VIN = 3.6 V while the TPS22924C has a
Low Shutdown Current
rise time of 800 µs at VIN = 3.6 V.
Low Threshold Control Input
The TPS22924x is available in an ultra-small space-
Controlled Slew Rate to Avoid Inrush Currents
saving 6-pin CSP package and is characterized for
Quick Output Discharge Transistor
operation over the free-air temperature range of
–40ºC to 85ºC.
ESD Performance Tested Per JESD 22
5000-V Human-Body Model
Device Information (1)
(A114-B, Class II)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
1000-V Charged-Device Model (C101)
TPS22924B
DSBGA (6)
1.40 mm × 0.90 mm
TPS22924C
DSBGA (6)
1.40 mm × 0.90 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Battery Powered Equipment
the end of the datasheet.
Portable Industrial Equipment
Portable Medical Equipment
Portable Media Players
Point Of Sales Terminal
GPS Devices
Digital Cameras
Notebooks / Tablet PCs / eReaders
Smartphones
Simplified Schematic
NOTE: SMPS = Switched-mode power supply
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22924BYZZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924BYZR TI1-TPS22924BYZR Datasheet
578Kb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924BYZT TI1-TPS22924BYZT Datasheet
578Kb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results

Similar Description - TPS22924BYZZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Fairchild Semiconductor
FPF1038 FAIRCHILD-FPF1038 Datasheet
622Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com