Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2559QWDRCTQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2559QWDRCTQ1
Description  Precision Adjustable Current-Limited Power-Distribution Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2559QWDRCTQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2559QWDRCTQ1 Datasheet HTML 1Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 2Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 3Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 4Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 5Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 6Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 7Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 8Page - Texas Instruments TPS2559QWDRCTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
GND
IN
OUT
OUT
ILIM
1
2
3
4
6
7
8
PAD
EN
FAULT
9
10
IN
OUT
5
IN
TPS2559-Q1
www.ti.com
SLVSD03 – DECEMBER 2015
5 Device Comparison Table
Operation
ICONT.
Device
OCP Mode
RDS(on) (mΩ)
IOS tolerance
Package
Range (V)
Adj. Range (A)
TPS2559-Q1
2.5 - 6.5
Auto Retry
5.5
13
±4.7% at 4.7 A
DRC (SON-10)
TPS2553-Q1
2.5 - 6.5
Auto Retry
1.2
85 (DBV)
±6.8% at 1.3 A
DBV (SOT-23)
TPS2556/7-Q1
2.5 - 6.5
Auto Retry
5
22
±6.3% at 4.5 A
DRB (SON-8)
TPS2561A-Q1
2.5 - 6.5
Auto Retry
2.5
44
2.1 A to 2.5 A
DRC (SON-10)
(Dual Channels)
TPS25200-Q1
2.5 - 6.5
Auto Retry
2.5
60
±6.3% at 2.7 A
DRV (SON-6)
(With OVP protection)
(Withstand up to 20V)
6 Pin Configuration and Functions
DRC Package
SON-10 (10 Pins)
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
1
Ground connection, connect externally to PowerPAD
Input voltage, connect a 0.1
μF or greater ceramic capacitor from IN to GND as close to the
IN
2,3,4
I
IC as possible
EN
5
I
Enable input, logic high turns on power switch.
External resistor used to set current-limit threshold; recommended. 24.9 k
Ω ≤ R(ILIM) ≤ 100
ILIM
6
O
k
Ω.
OUT
7,8,9
O
Power-switch output
FAULT
10
O
Active-low open-drain output, asserted during over-current or overtemperature conditions.
Internally connected to GND; used to heat-sink the part to the circuit board traces. Connect
PowerPAD™
PAD
PowerPAD to GND pin externally.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2559-Q1


Similar Part No. - TPS2559QWDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559DRCR TI1-TPS2559DRCR Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559DRCT TI1-TPS2559DRCT Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
More results

Similar Description - TPS2559QWDRCTQ1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com