Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5940PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940PWPR
Description  16-Channel LED Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5940PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5940PWPR Datasheet HTML 1Page - Texas Instruments TLC5940PWPR Datasheet HTML 2Page - Texas Instruments TLC5940PWPR Datasheet HTML 3Page - Texas Instruments TLC5940PWPR Datasheet HTML 4Page - Texas Instruments TLC5940PWPR Datasheet HTML 5Page - Texas Instruments TLC5940PWPR Datasheet HTML 6Page - Texas Instruments TLC5940PWPR Datasheet HTML 7Page - Texas Instruments TLC5940PWPR Datasheet HTML 8Page - Texas Instruments TLC5940PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Delay
x0
12−BitGrayscale
PWMControl
DCRegister
GSRegister
DCEEPROM
ConstantCurrent
Driver
LEDOpenDetection
Temperature
ErrorFlag
(TEF)
Max.OUTn
Current
Delay
x1
12−BitGrayscale
PWMControl
DCRegister
GSRegister
DCEEPROM
ConstantCurrent
Driver
LEDOpenDetection
Delay
x15
6−BitDot
12−BitGrayscale
PWMControl
DCRegister
GSRegister
DCEEPROM
ConstantCurrent
Driver
LEDOpenDetection
OUT0
OUT1
OUT15
SOUT
SIN
SCLK
IREF
XERR
XLAT
GSCLK
BLANK
DCPRG
DCPRG
DCPRG
VPRG
VPRG
VPRG
GND
VCC
VPRG
Input
Shift
Register
Input
Shift
Register
VPRG
11
0
23
12
191
180
95
90
11
6
5
VPRG
0
0
95
96
191
LEDOpen
Detection
(LOD)
5
95
90
6
11
DCPRG
0
192
96
0
1
0
1
0
1
0
1
GSCounter
CNT
CNT
CNT
CNT
96
96
Status
Information:
LOD,
TED,
DCDATA
192
0
191
1
0
0
1
VREF =1.24V
Correction
6−BitDot
Correction
6−BitDot
Correction
0
1
Blank
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLC5940
SLVS515D – DECEMBER 2004 – REVISED NOVEMBER 2015
TLC5940 16-Channel LED Driver With DOT Correction and Grayscale PWM Control
1 Features
3 Description
The TLC5940 is a 16-channel, constant-current sink
1
16 Channels
LED
driver.
Each
channel
has
an
individually
12 bit (4096 Steps) Grayscale PWM Control
adjustable 4096-step grayscale PWM brightness
Dot Correction
control and a 64-step, constant-current sink (dot
correction). The dot correction adjusts the brightness
6 bit (64 Steps)
variations between LED channels and other LED
Storable in Integrated EEPROM
drivers. The dot correction data is stored in an
Drive Capability (Constant-Current Sink)
integrated EEPROM. Both grayscale control and dot
correction are accessible through a serial interface. A
0 mA to 60 mA (VCC < 3.6 V)
single external resistor sets the maximum current
0 mA to 120 mA (VCC > 3.6 V)
value of all 16 channels.
LED Power Supply Voltage up to 17 V
The TLC5940 features two error information circuits.
VCC = 3 V to 5.5 V
The LED open detection (LOD) indicates a broken or
Serial Data Interface
disconnected LED at an output terminal. The thermal
error
flag
(TEF)
indicates
an
overtemperature
Controlled In-Rush Current
condition.
30 MHz Data Transfer Rate
CMOS Level I/O
Device Information(1)
Error Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LOD: LED Open Detection
PDIP (28)
35.69 mm × 6.73 mm
TEF: Thermal Error Flag
TLC5940
HTSSOP (28)
9.70 mm × 4.40 mm
VQFN (32)
5.00 mm × 5.00 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Monocolor, Multicolor, Full-Color LED Displays
LED Signboards
Display Backlighting
General, High-Current LED Drive
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLC5940PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5940PWPR TI-TLC5940PWPR Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940PWPRG4 TI-TLC5940PWPRG4 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5940PWPR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693E-16 AMSCO-AS3693E-16 Datasheet
1Mb / 33P
   16 Channel LED driver
logo
Linear Technology
LT3745 LINER-LT3745 Datasheet
732Kb / 8P
   16-Channel LED Driver
logo
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
445Kb / 13P
   16-Channel Constant-Current LED Driver
logo
Texas Instruments
TLC59281 TI-TLC59281 Datasheet
462Kb / 19P
[Old version datasheet]   16-Channel, Constant-Current LED Driver
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Kingbor Technology Co
KB6282 KINGBOR-KB6282 Datasheet
439Kb / 13P
   16-Channel Constant-Current LED Driver
logo
Linear Technology
LT3595 LINER-LT3595_15 Datasheet
390Kb / 16P
   16 Channel Buck Mode LED Driver
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com