Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS60-P21211 Datasheet(PDF) 4 Page - SICK AG

Part # DS60-P21211
Description  MID RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DS60-P21211 Datasheet(HTML) 4 Page - SICK AG

  DS60-P21211 Datasheet HTML 1Page - SICK AG DS60-P21211 Datasheet HTML 2Page - SICK AG DS60-P21211 Datasheet HTML 3Page - SICK AG DS60-P21211 Datasheet HTML 4Page - SICK AG DS60-P21211 Datasheet HTML 5Page - SICK AG DS60-P21211 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DS60-P21211 | Dx60
MID RANGE DISTANCE SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Adjustment possible
Teach
Run Q1
¯
Q1
Q2
¯
Q2
7
8
⑦  Rotary switch
⑧  Control element
Sensing distance
0
24
20
16
12
8
4
6,000
(236.22)
7,000
(275.59)
4,000
(157.48)
5,000
(196.85)
3,000
(118.11)
2,000
(78.74)
1,000
(39.37)
0
Sensing distance in mm (inch)
50/s
1
2
3
①  6 % / 90 %
②  18 % / 90 %
③  90 % / 90 %


Similar Part No. - DS60-P21211

ManufacturerPart #DatasheetDescription
logo
SICK AG
DS60-P21231 SICK-DS60-P21231 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS60-P21211

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com