Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS60-P21211 Datasheet(PDF) 2 Page - SICK AG

Part # DS60-P21211
Description  MID RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DS60-P21211 Datasheet(HTML) 2 Page - SICK AG

  DS60-P21211 Datasheet HTML 1Page - SICK AG DS60-P21211 Datasheet HTML 2Page - SICK AG DS60-P21211 Datasheet HTML 3Page - SICK AG DS60-P21211 Datasheet HTML 4Page - SICK AG DS60-P21211 Datasheet HTML 5Page - SICK AG DS60-P21211 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DS60-P21211 | Dx60
MID RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DS60-P21211
1016396
Other models and accessories
www.sick.com/Dx60
Detailed technical data
Performance
Measuring range
80 mm ... 6,000 mm, 90 % remission 1)
80 mm ... 4,600 mm, 18 % remission 1)
80 mm ... 2,400 mm, 6 % remission 1)
Response time
10 ms
Switching frequency
50 Hz
Light source
Laser, red
Laser class
2 (EN 60825-1)
Typ. light spot size (distance)
9 mm x 9 mm (at 4.5 m)
Additional function
Invertable switching output
Laser service life (MTTF at 25 °C)
50,000 h
1) Teach-in from 200 … 6,000 mm.
Interfaces
Switching output
2x PNP (100 mA) 1) 2)
1) Output Q short-circuit protected.
2) PNP: HIGH = VS - (< 2.5 V) / LOW = 0 V.
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V 1)
Ripple
≤ 5 Vpp 2)
Power consumption
≤ 3 W 3)
Connection type
Male connector, M12, 5-pin
Weight
202 g
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not fall short of or exceed VS tolerances.
3) Without load.


Similar Part No. - DS60-P21211

ManufacturerPart #DatasheetDescription
logo
SICK AG
DS60-P21231 SICK-DS60-P21231 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS60-P21211

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com