Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM10E20B03 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # ZM10E20B03
Description  Small size and light weight switches lend themselves to numerous potential applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZM10E20B03 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  ZM10E20B03 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 6Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 7Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 8Page - Honeywell Solid State Electronics Center ZM10E20B03 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Snap-Action Switches
Continued –
ZM AND ZM1 STANDARD LEVER OPTIONS & DIMENSIONS mm/in
Lever/
Terminals
Dimensions
Lever/
Terminals
Dimensions
Roller/solder
OP: 17,5 mm ±0,8 mm [0.689 in ± 0.032 in]
DT: 0,81 mm [0.032 in max.]
Straight/
solder
OP: 11,8 mm ±0,89 mm [0.465 in ± 0.035 in]
DT: 0,81 mm [0.032 in max.]
Roller/
quick connect
OP: 17,5 mm ±0,8 mm [0.689 in ± 0.032 in]
DT: 0,81 mm [0.032 in max.]
Roller/PCB
OP: 17,5 mm ±0,8 mm [0.689 in ± 0.032 in]
DT: 0,81 mm [0.032 in max.]
Straight/PCB
right
OP: 11,8 mm ±0,89 mm [0.465 in ± 0.035 in]
DT: 0,81 mm [0.032 in max.]
Straight/PCB
left
OP: 11,8 mm ±0,89 mm [0.465 in ± 0.035 in]
DT: 0,81 mm [0.032 in max.]
Straight/
quick connect
OP: 11,8 mm ±0,89 mm [0.465 in ± 0.035 in]
DT: 0,81 mm [0.032 in max.]
Honeywell Sensing and Control
5


Similar Part No. - ZM10E20B03

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZM10E20B03 HONEYWELL-ZM10E20B03 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
More results

Similar Description - ZM10E20B03

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-7 HUAXINAN-NVF4-7 Datasheet
518Kb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com