Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH3004LK3Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH3004LK3Q
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH3004LK3Q Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH3004LK3Q Datasheet HTML 1Page - Diodes Incorporated DMTH3004LK3Q Datasheet HTML 2Page - Diodes Incorporated DMTH3004LK3Q Datasheet HTML 3Page - Diodes Incorporated DMTH3004LK3Q Datasheet HTML 4Page - Diodes Incorporated DMTH3004LK3Q Datasheet HTML 5Page - Diodes Incorporated DMTH3004LK3Q Datasheet HTML 6Page - Diodes Incorporated DMTH3004LK3Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH3004LK3Q
Document number: DS38461 Rev. 1 - 2
1 of 7
www.diodes.com
March 2016
© Diodes Incorporated
DMTH3004LK3Q
30V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TC = +25°C
30V
4m
Ω @VGS = 10V
75A
7m
Ω @VGS = 4.5V
75A
Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AECQ101, supported by a
PPAP and is ideal for use in:
Power Management Functions
DC-DC Converters
BLDC Motor control
Reverse Polarity Protection
Features
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
High Conversion Efficiency
Low RDS(ON) – Minimizes On-State Losses
Low Input Capacitance
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Matte Tin Finish. Solderable per MIL-STD-202, Method
208
Weight: 0.315 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
DMTH3004LK3Q-13
TO252 (DPAK)
2,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
Pin Out Top View
=Manufacturer
’s Marking
H3004L = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week Code (01 to 53)
Top View
Green
YYWW
H3004L


Similar Part No. - DMTH3004LK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH3004LK3 DIODES-DMTH3004LK3 Datasheet
611Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH3004LK3-13 DIODES-DMTH3004LK3-13 Datasheet
611Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH3004LK3Q

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com