Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH3004LK3-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH3004LK3-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH3004LK3-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH3004LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMTH3004LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMTH3004LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMTH3004LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMTH3004LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMTH3004LK3-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMTH3004LK3
Document number: DS37859 Rev. 3 - 2
4 of 6
www.diodes.com
November 2015
© Diodes Incorporated
DMTH3004LK3
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS = 10V, ID = 20A
V
GS = 4.5V, ID = 15A
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
J = 125
oC
T
J = 85
oC
T
J = 25
oC
T
J = -55
oC
V
GS = 0V
T
J = 150
oC
T
J = 175
oC
10
100
1000
10000
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
50
Q
g (nC)
Figure 11. Gate Charge
V
DS = 15V, ID = 20A
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10ms
P
W =100µs
R
DS(ON) Limited
P
W =1ms
P
W =100ms
T
J(Max) = 175℃ TC = 25℃
Single Pulse
DUT on Infinite Heatsink
V
GS= 10V
P
W =1s
P
W =10µs
P
W =1µs
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = 250μA
I
D = 1mA


Similar Part No. - DMTH3004LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH3004LK3Q DIODES-DMTH3004LK3Q Datasheet
560Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH3004LK3Q-13 DIODES-DMTH3004LK3Q-13 Datasheet
560Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH3004LK3-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com