Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2600UFB-7B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2600UFB-7B
Description  25V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2600UFB-7B Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2600UFB-7B Datasheet HTML 1Page - Diodes Incorporated DMN2600UFB-7B Datasheet HTML 2Page - Diodes Incorporated DMN2600UFB-7B Datasheet HTML 3Page - Diodes Incorporated DMN2600UFB-7B Datasheet HTML 4Page - Diodes Incorporated DMN2600UFB-7B Datasheet HTML 5Page - Diodes Incorporated DMN2600UFB-7B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN2600UFB
Document number: DS31983 Rev. 5 - 2
4 of 6
www.diodes.com
May 2015
© Diodes Incorporated
DMN2600UFB
0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
I = 250µA
D
I = 1mA
D
0
0.4
0.8
1.2
1.6
2.0
0
0.2
0.4
0.6
0.8
1
1.2
Fig. 8 Diode Forward Voltage vs. Current
V
, SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
1
10
100
0
5
10
15
20
25
30
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
Crss
Coss
f = 1MHz
0
5
10
15
20
25
30
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.2 0.4 0.6 0.8
1
1.2 1.4
1.6 1.8
2
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= 15V
I = 1A
DS
D


Similar Part No. - DMN2600UFB-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2600UFB-7 DIODES-DMN2600UFB-7 Datasheet
143Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2600UFB-7B

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
   25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
   25V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJ06N03D PANJIT-PJ06N03D Datasheet
145Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6676 PANJIT-PJ6676 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com