Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM10B20K01 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # ZM10B20K01
Description  Small size and light weight switches lend themselves to numerous potential applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZM10B20K01 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  ZM10B20K01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center ZM10B20K01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Snap-Action Switches
SERIES
ZW (water-tight)
ZD (water-tight)
ZX
Differentiator
IP67 rating with lead wires;
snap-on lever, coil spring, and
ENEC
Smaller sized (like the ZX),
sealed to IP67 (with leadwires
only); plunger travel can be
restricted, offers side-post quick
mounting
Two-thirds the size of the ZM
Series; unsealed, integral lever,
and coil spring
Use
Use when a sealed position
switch in a small and cost-
effective package is required
Use for automotive applications
due to sealing and quick
mounting option
Use when a much smaller
unsealed position switch is
required
Potential
applications
air conditioners, computers,
consumer appliances, gas
detectors, joysticks, money
sorters, telephones, toys
automotive (operation systems
and engine area interior), air
conditioners, communication,
electric toothbrushes, toys
calculators, computer mouse,
cordless phones, electric knife &
stapler, tester machines, walkie-
talkies
Ampere rating
0.1 A. 5 A
0.1 A, 3 A
0.1 A. 3 A
Circuitry
SPDT, SPNO, SPNC
SPDT
SPDT
Operating force
1.94 oz to 7.16 oz
130 gf to 195 gf
0.53 oz to 5.3 oz
Termination
quick connect, solder, cable
bottom exit, cable side exit
Solder, pcb straight, pcb left
angle, pcb right angle, pre-wired
solder, pcb snap-in, pcb left
angle, pcb right angle
Actuator
pin plunger, straight, roller, sim.
roller
Pin plunger, straight, sim. roller
pin plunger, straight, roller,
special
Voltage
125 Vac, 250 Vac
125 Vac, 12 Vdc
125 Vac , 48 Vdc
Agency approvals
UL, cUL, CE, ENEC
UL, cUL, CE, ENEC
UL, CE, CSA
Agency file info
CE: 61058-1; UL: E12252;
c-UL: E12252
UL: E12252; c-UL: E12252
CE: 61058-1; UL:12252;
CSA: LR212438
Operating
temperature
-40 °C to 120 °C
[-40 °F to 248 °F] (w/o wires)
-40 °C to 105 °C
[-40 °F to 221 °F] (w/ wires)
-40 °C to 120 °C
[-40 °F to 248 °F]
-40 °C to 120 °C
[-40 °F to 248 °F]
Contacts
silver, gold-plated silver
Silver, gold-plated silver
silver, gold-plated silver
Housing
PBT polyester thermoplastic
PBT polyester thermoplastic
Polyamide (nylon)
Sealing
IP67 (with leadwires only)
IP67 (with leadwires only)
None
Storage humidity
85 % RH max. at 40 °C [104 °F]
Dielectric strength
1000 Vac (50 Hz to 60 Hz)
between contacts and 1250 Vac
(50 Hz to 60 Hz), between
terminals and ground, for one
minute
150 Vac (50 Hz to 60
Hz)/minute between contacts,
500 Vac (50 Hz to 60
Hz)/minute between live parts
and dead metal parts
1000 Vac (50 Hz to 60 Hz)
between contacts, between
terminals and ground, for one
minute
Contact resistance
30 mOhm max.
100 mOhm max.
100 mOhm max.
Insulation resistance
100 mOhm min. (at 500
Vdc/min)
100 mOhm min.
(at 250 Vdc/min)
100 mOhm min. (at 500 Vdc/min)
Vibration
10 Hz to 55 Hz, displacement 0,75 mm (p-p)
Expected
mechanical life
2 million min.
500,000 min.
1 million min.
Electrical service life
Min. 10,000 operations
Min. 500,000 operations on
resistive load current 10 mA;
Min. 6000 operations on
resistive load current 3 A
Min. 1,000,000 operations on
resistive load current 0.1 A at 48
Vdc; Min. 10,000 operations on
resistive load current 3 A at 125
Vac
Electrical operating
frequency
10 to 30 operations/min
10 mA – 120 operations/min
3 A – 10 to 30 operations/min
0.1 A – 120 operations/min
3 A – 10 to 30 operations/min
Mechanical
operation frequency
120 operations/min.
Honeywell Sensing and Control
3


Similar Part No. - ZM10B20K01

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZM10B20A01 HONEYWELL-ZM10B20A01 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20A03 HONEYWELL-ZM10B20A03 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20A04 HONEYWELL-ZM10B20A04 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20B01 HONEYWELL-ZM10B20B01 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20B03 HONEYWELL-ZM10B20B03 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
More results

Similar Description - ZM10B20K01

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-7 HUAXINAN-NVF4-7 Datasheet
518Kb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com