Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP240JF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP240JF
Description  Normally opened (1-Form-A)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240JF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP240JF Datasheet HTML 1Page - Toshiba Semiconductor TLP240JF Datasheet HTML 2Page - Toshiba Semiconductor TLP240JF Datasheet HTML 3Page - Toshiba Semiconductor TLP240JF Datasheet HTML 4Page - Toshiba Semiconductor TLP240JF Datasheet HTML 5Page - Toshiba Semiconductor TLP240JF Datasheet HTML 6Page - Toshiba Semiconductor TLP240JF Datasheet HTML 7Page - Toshiba Semiconductor TLP240JF Datasheet HTML 8Page - Toshiba Semiconductor TLP240JF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLP240J,TLP240JF
4
10.
10.
10.
10. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VOFF = 600 V
V = 0 V, f = 1 MHz
Min
1.1
Typ.
1.27
50
75
Max
1.4
10
1000
Unit
V
µA
pF
nA
pF
11.
11.
11.
11. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Trigger LED current
Return LED current
ON-state resistance
Symbol
IFT
IFC
RON
Note
(Note 1)
Test Condition
ION = 90 mA
IOFF = 10 µA
ION = 90 mA, IF = 5 mA, t < 1 s
ION = 90 mA, IF = 5 mA, Continuous
Min
0.1
Typ.
0.5
30
45
Max
3
40
60
Unit
mA
Note 1: Thermally saturated state.
12.
12.
12.
12. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
13.
13.
13.
13. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 13.1.
RL = 200 Ω, VDD = 10 V, IF = 5 mA
Min
Typ.
0.5
0.2
Max
2
1
Unit
ms
Fig.
Fig.
Fig.
Fig. 13.1
13.1
13.1
13.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
2016-01-08
Rev.4.0
©2016 Toshiba Corporation


Similar Part No. - TLP240JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
   IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
   Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP240JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3106 TOSHIBA-TLP3106 Datasheet
193Kb / 9P
   Normally opened (1-Form-A)
TLP222D TOSHIBA-TLP222D Datasheet
218Kb / 8P
   Normally opened (1-Form-A)
TLP3303 TOSHIBA-TLP3303 Datasheet
174Kb / 7P
   Normally off (1-Form-A)
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
   Normally open (1-Form-A)
TLP3546 TOSHIBA-TLP3546 Datasheet
172Kb / 9P
   Normally off (1-Form-A)
TLP3107 TOSHIBA-TLP3107 Datasheet
205Kb / 9P
   Normally off (1-Form-A)
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
   Normally open (1-Form-A)
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
   Normally open (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
   Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
   Normally open (1-Form-A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com