Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4131R-B Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW4131R-B
Description  Switching Regulator IC for Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4131R-B Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJW4131R-B Datasheet HTML 2Page - New Japan Radio NJW4131R-B Datasheet HTML 3Page - New Japan Radio NJW4131R-B Datasheet HTML 4Page - New Japan Radio NJW4131R-B Datasheet HTML 5Page - New Japan Radio NJW4131R-B Datasheet HTML 6Page - New Japan Radio NJW4131R-B Datasheet HTML 7Page - New Japan Radio NJW4131R-B Datasheet HTML 8Page - New Japan Radio NJW4131R-B Datasheet HTML 9Page - New Japan Radio NJW4131R-B Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NJW4131
- 6 -
Ver.2012-08-03
CHARACTERISTICS
100
1000
10
100
Timing Resistor vs.Oscillation Frequency
(V+=12V, Ta=25oC)
Timing Resistor R
T
(k
Ω)
80
85
90
95
100
100
1000
Maximum Duty Cycle vs. Oscillator Frequency
(V+=12V, V
IN-
=0.9V, Ta=25oC)
Oscillator Frequency f
OSC
(kHz)
690
695
700
705
710
0
10
203040
Supply Voltage V
+ (V)
Oscillation Frequency vs. Supply Voltage
(R
T
=27k
Ω, Ta=25oC)
0.99
0.995
1
1.005
1.01
0
1020
3040
Supply Voltage V
+ (V)
Reference Voltage vs. Supply Voltage
(Ta=25oC)
0
1
2
3
4
010
20
30
40
Supply Voltage V
+ (V)
Quiescent Current vs. Supply Voltage
(R
T
=27k
Ω, R
L
=no load, V
IN-
=0.9V, V
FB
=0.65V, Ta=25
oC)
0
15
30
45
60
0
45
90
135
180
0.1
1
10
100
1000 10000
Error Amplifier Block
Voltage Gain, Phase vs. Frequency
(V
+=12V, Gain=40dB, Ta=25 oC)
Frequency f (kHz)
Phase
Gain


Similar Part No. - NJW4131R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4131R-B NJRC-NJW4131R-B Datasheet
239Kb / 20P
   Switching Regulator IC for Boost Converter
More results

Similar Description - NJW4131R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4131B NJRC-NJW4131B Datasheet
239Kb / 20P
   Switching Regulator IC for Boost Converter
NJW4132 NJRC-NJW4132 Datasheet
149Kb / 11P
   Switching Regulator IC for Boost Converter
NJW4140 NJRC-NJW4140 Datasheet
400Kb / 2P
   Switching Regulator IC for Boost Converter
NJW4141 NJRC-NJW4141 Datasheet
419Kb / 13P
   2 - phase Boost Converter Switching Regulator IC
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com