Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7632 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7632
Description  Step-Down switching regulator IC with standby function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7632 Datasheet(HTML) 6 Page - New Japan Radio

  NJU7632 Datasheet HTML 1Page - New Japan Radio NJU7632 Datasheet HTML 2Page - New Japan Radio NJU7632 Datasheet HTML 3Page - New Japan Radio NJU7632 Datasheet HTML 4Page - New Japan Radio NJU7632 Datasheet HTML 5Page - New Japan Radio NJU7632 Datasheet HTML 6Page - New Japan Radio NJU7632 Datasheet HTML 7Page - New Japan Radio NJU7632 Datasheet HTML 8Page - New Japan Radio NJU7632 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJU7632
- 6 -
Ver.2012-08-03
■TYPICAL CHARACTERISTICS
100
1000
10
100
Oscillation Frequency vs. Timing Resistance
(V+=3.3V, Ta=25oC)
Timing Resistance R
T
(k
Ω)
660
680
700
720
740
02
4
6
8
10
Operating Voltage V
+ (V)
Oscillation Frequency vs. Operating Voltage
(R
T
=47k
Ω, Ta=25oC)
0
20
40
60
80
100
0
20
406080
100
Dead Time Control Resistance R
DTC
(k
Ω)
Duty Cycle vs. R
DTC
(V+=3.3V, R
T
=47k
Ω, Ta=25oC)
0.996
0.998
1
1.002
1.004
02
4
6
8
10
Operating Voltage V
+ (V)
Reference Voltage vs. Operating Voltage
(Ta=25
oC)
(V
+=3.3V, Gain=40dB, Ta=25oC)
0
15
30
45
60
0
45
90
135
180
0.1
1
10
100
1000 10000
Error Amplifier Block
Voltage Gain, Phase vs. Frequency
Frequency f (kHz)
Phase
Gain


Similar Part No. - NJU7632

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630M NJRC-NJU7630M Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630RB1 NJRC-NJU7630RB1 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
More results

Similar Description - NJU7632

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7640 NJRC-NJU7640 Datasheet
172Kb / 10P
   Step-Down switching regulator IC with Over Current Protection
NJU7650 NJRC-NJU7650 Datasheet
171Kb / 9P
   Step-Down switching regulator IC with Constant Current Control
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
logo
Sanyo Semicon Device
LV5808MXZ SANYO-LV5808MXZ Datasheet
136Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
logo
New Japan Radio
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
   300mA Synchronous Step-Down switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
logo
Sanyo Semicon Device
LV5841M SANYO-LV5841M Datasheet
238Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5803M SANYO-LV5803M Datasheet
115Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5808MX SANYO-LV5808MX Datasheet
137Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
logo
New Japan Radio
NJM2309 NJRC-NJM2309 Datasheet
131Kb / 7P
   Switching Regulator Control IC for Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com