Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7295F1-B-T Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7295F1-B-T
Description  SYSTEM RESET IC WITH DELAY CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7295F1-B-T Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU7295F1-B-T Datasheet HTML 2Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 3Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 4Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 5Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 6Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 7Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 8Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 9Page - New Japan Radio NJU7295F1-B-T Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJU7295
- 6 -
Ver.2015-11-11
■ TYPICALAPPLICATION
R1, R2: Adjust the detection voltage by
resistor divider
R3:
Setting the hysteresis voltage
CIN:
To prevent malfunction due to noise
(Recommend about 10pF to 1000pF)
EXT:
The input logic signals from other
power line
● Adjusting of Detection Voltage
The Detection voltage of NJU7295 is fixed as 1.0V (typ.) internally, although it can be adjusted to a desired Detection
Voltage by connecting external resistor (R1,R2) to a VIN pin.
When adjusting to a desired Detection Voltage, it's necessary to consider VIN pin resistance RIN. (20 MΩ typ.)
● Setting of Hysteresis Voltage
The NJU7295 doesn't have the Hysteresis Voltage between the Release Voltage and Detecting Voltage in default.
It's able to set the Hysteresis Voltage optionally by connecting dividing resistor between the VIN-HYS pin.
Detection Voltage
Hysteresis Voltage =
Release Voltage = Detection Voltage - Hysteresis Voltage
External input Pin
If inputs the logic signal from other power line(e.g. other NJU7295) into the EXT pin, it can be kept the status of the
output "High level" and ignoring the status of detection voltage VDET.
When inputs a low level signal into the EXT pin, VOUT is kept high level. It is useful for priority setting of reset signal
when monitoring multiplex power supply systems.
If do not use the External input, the EXT pin should be connected to VDDor Open.
VDD
R
R
3
1
VDET
R
R
VDET
R
RIN
RIN
R
R
VDET
3
1
2
)
2
(
1


Similar Part No. - NJU7295F1-B-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
NJU7296 NJRC-NJU7296 Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7296F1-A NJRC-NJU7296F1-A Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7296F1-B NJRC-NJU7296F1-B Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7296F1-C NJRC-NJU7296F1-C Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
More results

Similar Description - NJU7295F1-B-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7296 NJRC-NJU7296 Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
logo
Mitsumi Electronics, Co...
PST89XA MITSUMI-PST89XA Datasheet
198Kb / 14P
   System Reset IC with delay
PST89XB MITSUMI-PST89XB Datasheet
144Kb / 17P
   System Reset IC with delay
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
PST803 MITSUMI-PST803 Datasheet
108Kb / 11P
   System Reset IC built-in delay time circuit
PST87XX MITSUMI-PST87XX Datasheet
97Kb / 15P
   CMOS System Reset IC built-in delay time circuit
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
   Reset Circuit with Adjustable Delay
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com