Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAOC-009263 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009263
Description  Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009263 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009263_13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009263_13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009263_13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009263_13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009263_13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Voltage Controlled Oscillator
7.8 – 8.7 GHz
Rev. V3
MAOC-009263
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
4
Frequency Sensitivity vs. Tuning Voltage - RF Port
Frequency Sensitivity vs. Tuning Voltage - RF/2 Port
Single Side Band Phase Noise vs. Tuning Voltage
RF Port
Single Side Band Phase Noise vs. Frequency Offset
RF Port (VTUNE = 5V)
Typical Performance Curves: VCC = VBUFFER = 5V, TA = +25C (unless otherwise indicated)
-140
-130
-120
-110
-100
-90
-80
-70
-60
1
2
3
4
5
6
7
8
9
10 11 12 13 14
10 KHz offset
100 KHz offset
Tuning Voltage (V)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
+25°C
-40°C
+85°C
Frequency Offset (Hz)
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)


Similar Part No. - MAOC-009263_13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009263-PKG003 MA-COM-MAOC-009263-PKG003 Datasheet
114Kb / 5P
   Voltage Controlled Oscillator 7.8 - 8.7 GHz
MAOC-009263-PKG003 MA-COM-MAOC-009263-PKG003 Datasheet
293Kb / 5P
   Voltage Controlled Oscillator
MAOC-009263-PKG003 MA-COM-MAOC-009263-PKG003_2 Datasheet
293Kb / 5P
   Voltage Controlled Oscillator
MAOC-009263-SMB003 MA-COM-MAOC-009263-SMB003 Datasheet
293Kb / 5P
   Voltage Controlled Oscillator
MAOC-009263-TR0500 MA-COM-MAOC-009263-TR0500 Datasheet
293Kb / 5P
   Voltage Controlled Oscillator
More results

Similar Description - MAOC-009263_13

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com