Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7286B Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7286B
Description  Battery Backup Switching IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7286B Datasheet(HTML) 1 Page - New Japan Radio

  NJU7286B Datasheet HTML 1Page - New Japan Radio NJU7286B Datasheet HTML 2Page - New Japan Radio NJU7286B Datasheet HTML 3Page - New Japan Radio NJU7286B Datasheet HTML 4Page - New Japan Radio NJU7286B Datasheet HTML 5Page - New Japan Radio NJU7286B Datasheet HTML 6Page - New Japan Radio NJU7286B Datasheet HTML 7Page - New Japan Radio NJU7286B Datasheet HTML 8Page - New Japan Radio NJU7286B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NJU7286
- 1 -
Ver.2012-07-18
Battery Backup Switching IC
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJU7286 is a battery backup system IC with two regulators,
two voltage detectors, a battery switching system and their
control circuit. It switches the regulator output from main power
supply source to the backup battery when it detects main power
supply drop and also has two voltage detection outputs.
The NJU7286 employs an exclusive sequence on the battery
switching system which reduces the battery operation. Combining
the special sequence and its low operating current, it is well-suited
for battery backup systems of DSC, DVC and other portable
devices. The NJU7286 is available in small and thin packages of
8-lead MSOP (TVSP) and SSOP. And there are four voltage
options available, as follow table.
FEATURES
Low Quiescent Current
:12µA max. (VIN =3.6V) / Normal operation
:2.1µA max. (VBAT =3.0V) / Backup
Low Dropout Voltage
:0.06V max. (IRO =3mA) / REG1
:0.3V max. (IOUT =23mA) / REG2
2CH(REG1, REG2) Output Voltage
:±2.0%
2CH(CS, RESET
______________
) Output Voltage
: ± 2.0%
Exclusive Sequence
Small Package
SSOP8, MSOP8 (TVSP8)*
*MEET JEDEC MO-187-DA / THIN TYPE
PIN CONFIGURATION
MSOP8 (TVSP-8)
SSOP-8
1
2
3
4
5
6
7
8
1.VSS
2.NC
3.VBAT
4.CS
5. RESET
______________
6.VOUT
7.VIN
8.VRO
NJU7286RB1
(MSOP8 (VSP8))
NJU7286V
(SSOP8)


Similar Part No. - NJU7286B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
NJU7287A NJRC-NJU7287A Datasheet
204Kb / 11P
   Battery Backup Switching IC
More results

Similar Description - NJU7286B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com