Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7286 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7286
Description  Battery Backup Switching IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7286 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU7286 Datasheet HTML 2Page - New Japan Radio NJU7286 Datasheet HTML 3Page - New Japan Radio NJU7286 Datasheet HTML 4Page - New Japan Radio NJU7286 Datasheet HTML 5Page - New Japan Radio NJU7286 Datasheet HTML 6Page - New Japan Radio NJU7286 Datasheet HTML 7Page - New Japan Radio NJU7286 Datasheet HTML 8Page - New Japan Radio NJU7286 Datasheet HTML 9Page - New Japan Radio NJU7286 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NJU7286
- 6 -
Ver.2012-07-18
Switch Control
Switch Voltage
VSW1
VBAT=2.8V,
Detection Voltage VIN
+VDET1
X0.83
+VDET1
X0.85
+VDET1
X0.87
V
CS Output Inhibit Voltage
VSW2
VBAT=3.0V,
Detection Voltage VOUT
VOUT
X0.93
VOUT
X0.95
VOUT
X0.97
V
VBAT Switch Leak Current
ILEAK
VIN=6.0V,
VBAT=0V
-
-
0.1
µA
VBAT Switch Resistance
RSW
VIN=OPEN,
VBAT=3.0V, IOUT=10 to 500µA
-
30
60
Average Temperature
Coefficient of Switch
Voltage
VSW1/T
Ta=0°C to +85
°C
-
±
100
-
ppm/
°C
Average Temperature
Coefficient of CS Output
Inhibit Voltage
VSW2/T
Ta=0°C to +85
°C
-
±
100
-
ppm/
°C


Similar Part No. - NJU7286

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
NJU7287A NJRC-NJU7287A Datasheet
204Kb / 11P
   Battery Backup Switching IC
More results

Similar Description - NJU7286

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com