Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAOC-009260-SMB003 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009260-SMB003
Description  Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009260-SMB003 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009260-SMB003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009260-SMB003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009260-SMB003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009260-SMB003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009260-SMB003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Voltage Controlled Oscillator
6.1 – 7.0 GHz
Rev. V3
MAOC-009260
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
1
*
Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Features
 Low Phase Noise
 Wide Tuning Range
 Divide-by-Two Output
 Integrated Buffer Amplifier
 Excellent Temperature Stability
 +5V Bias
 Lead-Free 5 mm 32-Lead PQFN Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAOC-009260 is an InGaP HBT-based voltage
controlled oscillator for frequency generation. No
external matching components are required. This
VCO is easily integrated into a phase lock loop using
the divide-by-two output. The extremely low phase
noise makes this part ideal for many radio
applications including high capacity digital radios.
The
MAOC-009260
primary
applications
are
Point-to-Point
Radio,
Point-to-Multipoint
Radio,
Communications Systems, and Low Phase Noise
applications.
The 5 mm PQFN package has a lead-free finish that
is RoHS compliant and compatible with a 260ºC
reflow temperature. The package also features low
lead inductance and an excellent thermal path.
Ordering Information1
Part Number
Package
MAOC-009260-TR0500
500 piece reel
MAOC-009260-TR1000
1000 piece reel
MAOC-009260-SMB003
Sample Board
1. Reference Application Note M513 for reel size information.
Block Diagram
(PIN 1)
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
24
23
22
21
20
19
18
17
32 31 30 29 28 27 26 25
Pin
Function
Pin
Function
1
N/C
17
N/C
2
N/C
18
N/C
3
N/C
19
RF
4
N/C
20
N/C
5
N/C
21
VCC
6
N/C
22
N/C
7
VBUFFER
23
N/C
8
N/C
24
N/C
9
N/C
25
N/C
10
N/C
26
N/C
11
N/C
27
N/C
12
RF/2
28
N/C
13
N/C
29
VTUNE
14
N/C
30
N/C
15
N/C
31
N/C
16
N/C
32
N/C
Pin Designations2
 The exposed pad centered on the package bottom must be
connected to RF and DC ground. Connecting all N/C pins to
RF/DC Ground in the layout is also recommended.


Similar Part No. - MAOC-009260-SMB003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009260-PKG003 MA-COM-MAOC-009260-PKG003 Datasheet
134Kb / 5P
   Voltage Controlled Oscillator 6.1 - 7.0 GHz
MAOC-009260-PKG003 MA-COM-MAOC-009260-PKG003 Datasheet
295Kb / 5P
   Voltage Controlled Oscillator
MAOC-009260-PKG003 MA-COM-MAOC-009260-PKG003_2 Datasheet
295Kb / 5P
   Voltage Controlled Oscillator
More results

Similar Description - MAOC-009260-SMB003

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com