Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMX-011023-TR3000 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-011023-TR3000
Description  Low Noise Active Mixer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-011023-TR3000 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAMX-011023-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Low Noise Active Mixer
4 - 23 GHz
Rev. V2
MAMX-011023
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
10
Applications Section
System usage of this Mixer
The MAMX-011023 may be used in single ended, balanced, and image reject circuit configurations.
Single Ended Mixer
The single Ended mixer is the simplest use of the MAMX-011023. Some form of combiner is needed to put both
the RF and LO signals on the input port and this combiner must allow low loss to the RF signal to preserve the
low noise figure. A 10 dB quarter wavelength coupled line section can form a convenient and low cost combiner.
The single ended mixer will have minimal rejection of RF, LO and image products at the IF.
Balanced Mixer
The balanced mixer will improve mixer performance by cancelling the LO at the IF output and cancelling RF
second order products. Linearity will be improved by using two mixers and RF loss will be limited to the rat race
and transformer insertion losses.
Image Reject Mixer
The Image Reject mixer can reject the desired upper or lower sideband RF signal and reject the corresponding
image.
LO
RF
50 Ω
W2
W1
Coupler
10 dB
10 GHz
2
1
4
3
LO
MAMX-011023
50 Ω
IF
50 Ω
1
3
4
2
W1
W2
3
4
1
2
W1
W2
3
4
1
2
3
1
4
2
50 Ω
50 Ω
100 Ω
LO
RF
MAMX-011023
MAMX-011023
LO
RF
1
2
3
5
4
IF
MAMX-011023
MAMX-011023
6
3
6
3
4
4
4
4
3


Similar Part No. - MAMX-011023-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
MAMX-011021-SMB MA-COM-MAMX-011021-SMB Datasheet
987Kb / 8P
   High Linearity Mixer
MAMX-011021-TR1000 MA-COM-MAMX-011021-TR1000 Datasheet
987Kb / 8P
   High Linearity Mixer
MAMX-011021-TR3000 MA-COM-MAMX-011021-TR3000 Datasheet
987Kb / 8P
   High Linearity Mixer
More results

Similar Description - MAMX-011023-TR3000

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1228 AKM-AK1228 Datasheet
1,018Kb / 26P
   Low Noise Mixer
logo
Mini-Circuits
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
   Active Mixer
MACA-242H MINI-MACA-242H Datasheet
340Kb / 2P
   Active Mixer
MAX-19H MINI-MAX-19H Datasheet
81Kb / 1P
   Active Mixer
MAX-9H MINI-MAX-9H Datasheet
82Kb / 1P
   Active Mixer
UNCL-L1H MINI-UNCL-L1H Datasheet
233Kb / 2P
   Active Mixer
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com