Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2675 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2675
Description  H BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2675 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2675 Datasheet HTML 1Page - New Japan Radio NJM2675 Datasheet HTML 2Page - New Japan Radio NJM2675 Datasheet HTML 3Page - New Japan Radio NJM2675 Datasheet HTML 4Page - New Japan Radio NJM2675 Datasheet HTML 5Page - New Japan Radio NJM2675 Datasheet HTML 6Page - New Japan Radio NJM2675 Datasheet HTML 7Page - New Japan Radio NJM2675 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NJM2675
- 1 -
‘Ver.2012-07-30
H BRIDGE DRIVER
GENERAL DESCRIPTION
PACKAGE OUTLINE
FEATURE
• Wide Voltage Range
4V to 55V
• Wide Range of Current Control
5 to 1200mA
• Thermal Shut Down Circuit (with Alarm Output)
• Dead Band Protector
• Package Outline
SOP16-E2 JEDEC 300mil
PIN CONNECTION
The NJM2675 is a general-purpose 60V single H-bridge
drive IC. It consists of a H-bridge, a thermal shut down circuit
and its alarm output. The alarm output can detect application
problems and the system reliability will be significantly
improved if monitored by Microprocessor.
Therefore, it is suitable for DC motor application driven by
Microprocessor.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
TSD_ARM
VCC
NC
IN1
IN2
ENABLE
GND
OUT1
NC
VMM
GND
SENSE
NC
NC
OUT2
NJM
2675E2
NJM2675E2
( SOP16-E2 )


Similar Part No. - NJM2675

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
More results

Similar Description - NJM2675

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
   H-Bridge Driver
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
   Configurable H-Bridge Driver
Rev. D, 05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Rohm
BD6736FV ROHM-BD6736FV_15 Datasheet
1Mb / 16P
   Single H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com