Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2309 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2309
Description  Switching Regulator Control IC for Step-Down
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2309 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2309 Datasheet HTML 1Page - New Japan Radio NJM2309 Datasheet HTML 2Page - New Japan Radio NJM2309 Datasheet HTML 3Page - New Japan Radio NJM2309 Datasheet HTML 4Page - New Japan Radio NJM2309 Datasheet HTML 5Page - New Japan Radio NJM2309 Datasheet HTML 6Page - New Japan Radio NJM2309 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJM2309
- 4 -
Ver.2011-12-08
■ TYPICAL APPLICATIONS
RT
GND
V
+
VOUT
Rsf
Rsr
Cs
CT
1
VREF
ER
⋅AMP
L.O
U.V.LO
OSC
PWM
8
7
6
5
4
3
2
0.52V
S.C.P
30uA
GND
CIN
Q1
RNF
CNF
R2
D1
R1
COUT
L
Rbe
Rbc


Similar Part No. - NJM2309

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2336 NJRC-NJM2336 Datasheet
180Kb / 7P
   Battery Charger IC
NJM2336AF NJRC-NJM2336AF Datasheet
180Kb / 7P
   Battery Charger IC
NJM2336BF NJRC-NJM2336BF Datasheet
180Kb / 7P
   Battery Charger IC
NJM2336CF NJRC-NJM2336CF Datasheet
180Kb / 7P
   Battery Charger IC
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
   Battery Charger IC
More results

Similar Description - NJM2309

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7650 NJRC-NJU7650 Datasheet
171Kb / 9P
   Step-Down switching regulator IC with Constant Current Control
logo
Sanyo Semicon Device
LV5808MXZ SANYO-LV5808MXZ Datasheet
136Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
logo
New Japan Radio
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
   300mA Synchronous Step-Down switching regulator IC
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Sanyo Semicon Device
LV5841M SANYO-LV5841M Datasheet
238Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5803M SANYO-LV5803M Datasheet
115Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
Sanyo Semicon Device
LV5808MX SANYO-LV5808MX Datasheet
137Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com