Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADC-010736-TR0200 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MADC-010736-TR0200
Description  Lead-Free 6 mm Laminate Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADC-010736-TR0200 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MADC-010736-TR0200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADC-010736-TR0200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADC-010736-TR0200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADC-010736-TR0200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADC-010736-TR0200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADC-010736-TR0200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Receiver, High IIP3, SMD
40.5 - 43.5 GHz
Rev. V2
MADC-010736
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
App Note [1] Biasing - The MADC-010736 is operated by biasing VD1, VD2, and VD3 at 4.0 V. The
corresponding drain currents are set to 10 mA, 100 mA, and 180 mA respectively. VG4 requires a fixed voltage
bias of nominally –3.0 V. It is recommended to use active bias on VG1, VG2, VG3 to keep the currents in VD1,
VD2, and VD3 constant, in order to maintain the best performance over temperature. Depending on the supply
voltages available and the power dissipation constraints, the bias circuits may include a single transistor or a low
power operational amplifier, with a low value resistor in series with the drain supply to sense the current. Make
sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain
supply.
App Note [2] I/Q - For highest gain, best image rejection and lowest noise figure all 4 IF ports should be used. I/
I* and Q/Q* will combine through two 180 degree hybrid couplers generating inphase and quadrature phase
components. Inphase and quadrature signals then need to be combined through 90 degree hybrid combiner to
create IF output.
App Note [3] Board Layout - It is recommended to provide 100 pF decoupling capacitors as close to the bias
pins as possible. Additional 10 nF and 1 µF on each of the bias lines are recommended placed a distance
further away.
90 deg Hybrid
IF Output
Q*
Q
I
I*
VG4
RF
VD2
VG2
VD1
VG1
VD3
VG3
LO
1
2
3
4
5
6
7
13
12
11
10
9
8
Q*
Q
I
I*
IRM
LNA
BUF
BUF 2X
180 deg Hybrid
180 deg Hybrid


Similar Part No. - MADC-010736-TR0200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736 Datasheet
761Kb / 6P
   Receiver, High IIP3
More results

Similar Description - MADC-010736-TR0200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAUC-010515 MA-COM-MAUC-010515_15 Datasheet
1Mb / 8P
   Lead-Free 6 mm Laminate Package
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
MAMF-011038 MA-COM-MAMF-011038 Datasheet
889Kb / 8P
   Lead Free 2 mm 12-lead STQFN package
MAAP-011247 MA-COM-MAAP-011247 Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
MAAP-011248 MA-COM-MAAP-011248 Datasheet
869Kb / 9P
   Lead-Free 5 mm 32-lead AQFN Package
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Kingboard Laminates Hol...
KB-616XF KINGBOARD-KB-616XF Datasheet
148Kb / 1P
   Copper clad epoxy fiberglass cloth laminate (lead-free series)
logo
STMicroelectronics
ESDA6V1-5T6 STMICROELECTRONICS-ESDA6V1-5T6 Datasheet
172Kb / 11P
   Lead-free and RoHS package
March 2011 Rev 2
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003 Datasheet
748Kb / 5P
   Lead-Free Surface Mount Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com