Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX385-2.5 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX385-2.5
Description  Micropower Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX385-2.5 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX385-2.5 Datasheet HTML 1Page - Sipex Corporation SPX385-2.5 Datasheet HTML 2Page - Sipex Corporation SPX385-2.5 Datasheet HTML 3Page - Sipex Corporation SPX385-2.5 Datasheet HTML 4Page - Sipex Corporation SPX385-2.5 Datasheet HTML 5Page - Sipex Corporation SPX385-2.5 Datasheet HTML 6Page - Sipex Corporation SPX385-2.5 Datasheet HTML 7Page - Sipex Corporation SPX385-2.5 Datasheet HTML 8Page - Sipex Corporation SPX385-2.5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Date:05/21/04
SPX385-2.5 Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
1
FEATURES
■ Trimmed Bandgap ............................ 1% and 2%
■ Wide Operating Current ............... 20µA to 20mA
■ Extended Temperature Range ... -40°C to +85°C
■ Dynamic Impedance .............................. 1Ω max
■ Offered in SOT-23, TO-92, SOIC, and SOT-89
■ Improved Replacement for LM185/285/385-2.5V,
AS385-2.5
■ Low Cost Solution
Micropower Voltage Reference
SPX385-2.5
The SPX385-2.5 is a micropower 2-terminal band-gap voltage reference with a very wide
operating current range from 20µA to 20mA that provides a stable voltage. The high stability of
this device is primarily the result of the low temperature coefficient Thin Film Resistor process and
Laser Trimming of the output voltage at the wafer level.
The SPX385-2.5 is available in a SOT-23, TO-92, SOIC-8 and SOT-89 package with an operating
temperature range of -40°C to 85°C. A 1.2 and 5 volt device is also available - SPX385-1.2 and
SPX385-5.
Figure 1: Block Diagram
APPLICATIONS
■ Battery Operating Equipment
■ Adjustable Supplies
■ Switching Power Supplies
■ Error Amplifiers
■ Single Supply Amplifier
■ Monitors / VCR / TV
■ Personal Computers
Anode (A)
Cathode (K)
1.25V
+
-
500k
500k
DESCRIPTION
BLOCK DIAGRAM
SPX385
3 Pin SOT-23
Cathode
N/C
Anode
Refer to page 4 for pinouts.


Similar Part No. - SPX385-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-1.2 SIPEX-SPX385-1.2 Datasheet
223Kb / 8P
   Micropower Voltage Reference
SPX385-5.0 SIPEX-SPX385-5.0 Datasheet
137Kb / 8P
   5V Micropower Voltage Reference
More results

Similar Description - SPX385-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com